Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42VM32160C-10BLI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42VM32160C-10BLI
Description  512Mb Mobile Synchronous DRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42VM32160C-10BLI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42VM32160C-10BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42VM32160C-10BLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc.
Rev. 00B
07/21/2010
IS42VM32160C
Burst Length
Read and write accesses to the SDRAM are burst oriented, with the burst length being programmable, as shown in
MODEREGISTERDEFINITION.Theburstlengthdeterminesthemaximumnumberofcolumnlocationsthatcan
be accessed for a given READ or WRITE command. Burst lengths of 1, 2, 4 or 8 locations are available for both the
sequential and the interleaved burst types, and a full-page burst is available for the sequential type. The full-page burst
is used in conjunction with the BURST TERMINATE command to generate arbitrary burst lengths. Reserved states
should not be used, as unknown operation or incompatibility with future versions may result.
When a READ or WRITE command is issued, a block of columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning that the burst will wrap within the block if a boundary is
reached. The block is uniquely selected by A1-A8 (x32) when the burst length is set to two; by A2-A8 (x32) when the
burst length is set to four; and by A3-A8 (x32) when the burst length is set to eight. The remaining (least significant)
address bit(s) are used to select the starting location within the block. Full-page bursts wrap within the page if the
boundary is reached.
MODE REGISTER DEFINITION
Latency Mode
M6 M5 M4
CAS Latency
0
0
0
Reserved
0
0
1
Reserved
0
1
0
2
0
1
1
3
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved
To ensure compatibility with future devices,
should program A12, A11, A10 = "0"
Write Burst Mode
M9
Mode
0
Programmed Burst Length
1
Single Location Access
Operating Mode
M8 M7
M6-M0
Mode
0
0
Defined
Standard Operation
— —
All Other States Reserved
Burst Type
M3
Type
0
Sequential
1
Interleaved
Burst Length
M2 M1 M0
M3=0
M3=1
0
0
0
1
1
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Full Page
Reserved
Reserved
Address Bus (Ax)
Mode Register (Mx)
(1)
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA1
BA0
Mode Register Definition
0
0
Program Mode Register
0
1
Reserved
1
0
Program Extended Mode Register
1
1
Reserved


Similar Part No. - IS42VM32160C-10BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
IS42VM32160E-6BLI ISSI-IS42VM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM32160E-75BLI ISSI-IS42VM32160E-75BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
More results

Similar Description - IS42VM32160C-10BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
logo
Eorex Corporation
EM48AM3284LBB EOREX-EM48AM3284LBB Datasheet
272Kb / 22P
   512Mb (4M횞4Bank횞32) Mobile Synchronous DRAM
EM48AM3284LBA EOREX-EM48AM3284LBA Datasheet
736Kb / 20P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S32160C ISSI-IS42S32160C Datasheet
1Mb / 60P
   16Mx32 512Mb SYNCHRONOUS DRAM
logo
Eorex Corporation
EM48BM1684LBA EOREX-EM48BM1684LBA Datasheet
672Kb / 19P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
EM48AM3284LBA EOREX-EM48AM3284LBA_09 Datasheet
298Kb / 22P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
EM48BM1684LBA EOREX-EM48BM1684LBA_09 Datasheet
711Kb / 21P
   512Mb (8M횞4Bank횞16) Synchronous DRAM
logo
List of Unclassifed Man...
EM48AM3284LBA ETC2-EM48AM3284LBA Datasheet
220Kb / 17P
   512Mb (4M횞4Bank횞32) Synchronous DRAM
logo
Eorex Corporation
EM48BM1684LBC EOREX-EM48BM1684LBC_15 Datasheet
1Mb / 20P
   Mobile Synchronous DRAM
EM48AM3284LBB EOREX-EM48AM3284LBB_15 Datasheet
272Kb / 22P
   Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com