Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2700001 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # MK2700001
Description  2.5V CMOS SSXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

MK2700001 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  MK2700001 Datasheet HTML 1Page - Pericom Semiconductor Corporation MK2700001 Datasheet HTML 2Page - Pericom Semiconductor Corporation MK2700001 Datasheet HTML 3Page - Pericom Semiconductor Corporation MK2700001 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
All specifications are subject to change without notice.
MK 2.5 REV2008_NOV17_0.2
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
2.5V CMOS SSXO
MN Series Spread Spectrum
Crystal Oscillator (XO)
3.2 x 2.5mm
MK
0.9
0.6
1.6
0.10
2.1
#1
#2
#3
#4
3.2±0.1
2.5±0.1
1.0±0.15
(BottomView)
PIN 1
Product Features
Wide Frequency Range – 16MHz to 67MHz
Flexible modulation rate options
Center Spread: ±0.25% to ±1.15%
Down Spread: –0.5% to –1.7%
Integrated Phase-locked loop
Output Enable with internal pull-up (default
enable)
2.5V CMOS compatible logic levels
Very low power consumption
Industry standard 3.2x2.5mm ceramic SMD
package
Pb-Free and RoHS/Green compliant
Product Description
The MK Series is used in digital electronic systems to
reduce the Electro-Magnetic Interference (EMI). The
device uses proprietary PLL and Spread-Spectrum
Clock Generator (SSCG) technology to synthesize
from and modulate the frequency of the input crystal.
Measured radiated energy at the fundamental and
harmonic frequencies are reduced to comply with
Electro Magnetic Compliance (EMC) requirement.
The internal factory setting function enables flexible
selection of output frequency, modulation rate and
spread ratios.
Applications
Multi-function Printers
Wired and Wireless networking devices
Media Players
LCD Panel
Digital Television
Video Surveillance
Package:
Pin Functions:
Pin
Function
1
OE Function
2
Ground
3
Clock Output
4
VDD
Recommended Land Pattern:
3.2 x 2.5mm Ceramic SMD
Part Ordering Information:
MK 270 0001
A: Product�Family
B: XXX = Frequency�Code
C: YYYY = Specification�Code
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
Note: All above dimensions in mm


Similar Part No. - MK2700001

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
MK2700001 PERICOM-MK2700001 Datasheet
709Kb / 4P
   3.3V CMOS SSXO
More results

Similar Description - MK2700001

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
MD-2.5V PERICOM-MD-2.5V Datasheet
752Kb / 4P
   2.5V CMOS SSXO
MN-2.5V PERICOM-MN-2.5V Datasheet
736Kb / 4P
   2.5V CMOS SSXO
MD-3.3V PERICOM-MD-3.3V Datasheet
751Kb / 4P
   3.3V CMOS SSXO
MK-3.3V PERICOM-MK-3.3V Datasheet
709Kb / 4P
   3.3V CMOS SSXO
MN-3.3V PERICOM-MN-3.3V Datasheet
671Kb / 4P
   3.3V CMOS SSXO
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
   2.5V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC3225A-C2 KSS-KC3225A-C2 Datasheet
110Kb / 1P
   CMOS/ 2.5V/ 3.2횞2.5mm
logo
Pericom Semiconductor C...
KN-2.5V PERICOM-KN-2.5V Datasheet
621Kb / 2P
   2.5V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
   CMOS/ 2.5V/ 7.0횞5.0mm
logo
Pericom Semiconductor C...
KM-2.5V PERICOM-KM-2.5V Datasheet
650Kb / 2P
   2.5V CMOS 32.768kHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com