Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX4C-68S-1.27DSAL Datasheet(PDF) 4 Page - Hirose Electric

Part # FX4C-68S-1.27DSAL
Description  Stacking Height 5 to 11mm Half Pitch Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX4C-68S-1.27DSAL Datasheet(HTML) 4 Page - Hirose Electric

  FX4C-68S-1.27DSAL Datasheet HTML 1Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 2Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 3Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 4Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 5Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 6Page - Hirose Electric FX4C-68S-1.27DSAL Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A192
sHeader (Through hole Type)-Stacking Height: Standard type
BPCB mounting pattern
Part Number
CL No.
Number of Contacts
A
BC
D
FX4C-20P-1.27DSA
574-0001-0
________
FX4C-20P-1.27DSAL
574-0051-9
20
21.87
14.58
11.43
20.32
FX4C-32P-1.27DSA
574-0002-3
________
FX4C-32P-1.27DSAL
574-0052-1
32
29.49
22.2
19.05
27.94
FX4C-40P-1.27DSA
574-0003-6
________
FX4C-40P-1.27DSAL
574-0053-4
40
34.57
27.28
24.13
33.02
FX4C-52P-1.27DSA
574-0004-9
________
FX4C-52P-1.27DSAL
574-0054-7
52
42.19
34.9
31.75
40.64
FX4C-60P-1.27DSA
574-0005-1
________
FX4C-60P-1.27DSAL
574-0055-0
60
47.27
39.98
36.83
45.72
FX4C-68P-1.27DSA
574-0006-4
________
FX4C-68P-1.27DSAL
574-0056-2
68
52.35
45.06
41.91
50.8
FX4C-80P-1.27DSA
574-0007-7
________
FX4C-80P-1.27DSAL
574-0057-5
80
59.97
52.68
49.53
58.42
Unit: mm


Similar Part No. - FX4C-68S-1.27DSAL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX401 SANYO-FX401 Datasheet
152Kb / 4P
   DC-DC Converter
logo
CML Microcircuits
FX403-Q CMLMICRO-FX403-Q Datasheet
291Kb / 6P
   QTC ADDRESS & DATA
FX403K CMLMICRO-FX403K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
logo
Vishay Siliconix
FX4040G71117B1 VISHAY-FX4040G71117B1 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX4040G71117B5 VISHAY-FX4040G71117B5 Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
More results

Similar Description - FX4C-68S-1.27DSAL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
logo
Omron Electronics LLC
XH4A OMRON-XH4A Datasheet
885Kb / 8P
   Half-pitch Low-profile Stacking Connectors
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
logo
TE Connectivity Ltd
C-2201196 TEC-C-2201196 Datasheet
180Kb / 3P
   0.4mm PITCH STACKING CONNECTOR PLUG ASSEMBLY 0.98mm HEIGHT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com