Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM6123S60E10AST0P Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM6123S60E10AST0P
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123S60E10AST0P Datasheet(HTML) 4 Page - Vicor Corporation

  BCM6123S60E10AST0P Datasheet HTML 1Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 2Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 3Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 4Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 5Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 6Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 7Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 8Page - Vicor Corporation BCM6123S60E10AST0P Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 4 of 23
09/2015
800 927.9474
BCM6123x60E10A5yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+VPRI_DC to –VPRI_DC
-1
80
V
VPRI_DC or VSEC_DC slew rate
(operational)
1
V/µs
+VSEC_DC to –VSEC_DC
-1
15
V
TM to –VPRI_DC
-0.3
4.6
V
EN to –VPRI_DC
5.5
V
VAUX to –VPRI_DC
4.6
V
Part Ordering Information
Standard Models
Product
Function
Package
Size
Package
Mounting
Max Primary
Input Voltage
Range
Identifier
Max
Secondary
Voltage
Secondary
Output
Current
Temperature
Grade
Option
BCM
6123
x
60
E
10
A5
y
zz
Bus Converter
Module
61 = L
23 = W
T = TH
S = SMT
60 V
36 – 60 V
10 V
No Load
150 A
T = -40°C – 125°C
M = -55°C – 125°C
00 = Analog Ctrl
01 = PMBus Ctrl
0R = Reversible Analog Ctrl
0P = Reversible PMBus Ctrl
Product
Function
Package
Size
Package
Mounting
Max Primary
Input Voltage
Range
Identifier
Max
Secondary
Voltage
Secondary
Output
Current
Temperature
Grade
Option
BCM
6123
T
60
E
10
A5
T
00
All products shipped in JEDEC standard high profile (0.400” thick) trays (JEDEC Publication 95, Design Guide 4.10).


Similar Part No. - BCM6123S60E10AST0P

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123S60E15A3M01 VICOR-BCM6123S60E15A3M01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M02 VICOR-BCM6123S60E15A3M02 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M0P VICOR-BCM6123S60E15A3M0P Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3M0R VICOR-BCM6123S60E15A3M0R Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E15A3T01 VICOR-BCM6123S60E15A3T01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM6123S60E10AST0P

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com