Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM6123S60E15A3M0R Datasheet(PDF) 9 Page - Vicor Corporation

Part # BCM6123S60E15A3M0R
Description  Fixed Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM6123S60E15A3M0R Datasheet(HTML) 9 Page - Vicor Corporation

Back Button BCM6123S60E15A3M0R Datasheet HTML 5Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 6Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 7Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 8Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 9Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 10Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 11Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 12Page - Vicor Corporation BCM6123S60E15A3M0R Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
BCM® Bus Converter
Rev 1.1
vicorpower.com
Page 9 of 23
09/2015
800 927.9474
BCM6123x60E15A3yzz
Auxiliary Voltage Source
• The VAUX pin is a standard analog I/O configured as an output from an internal µC.
• VAUX is internally connected to µC output as internally pulled high to a 3.3 V regulator with 2% tolerance, a 1% resistor of 1.5 kΩ.
• VAUX can be used as a "Ready to process full power" flag. This pin transitions VAUX voltage after a 2 ms delay from the start of powertrain activating,
signaling the end of softstart.
• VAUX can be used as "Fault flag". This pin is pulled low internally when a fault protection is detected.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
ANALOG
OUTPUT
Startup
Powertrain active to VAUX
time
tVAUX
Powertrain active to VAUX High
2
ms
Regular
Operation
VAUX Voltage
VVAUX
2.8
3.3
V
VAUX Available Current
IVAUX
4
mA
VAUX Voltage Ripple
VVAUX_PP
50
mV
TINTERNAL ≤ 100ºC
100
VAUX Capacitance
(External)
CVAUX_EXT
0.01
µF
VAUX Resistance (External)
RVAUX_EXT
VPRI_DC < VµC_ACTIVE
1.5
Fault
VAUX Fault Response Time
tVAUX_FR
From fault to VVAUX = 2.8 V, CVAUX = 0 pF
10
µs
Signal Characteristics (Cont.)
Specifications apply over all line, load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.


Similar Part No. - BCM6123S60E15A3M0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM6123S60E10ASM01 VICOR-BCM6123S60E10ASM01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM02 VICOR-BCM6123S60E10ASM02 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM0P VICOR-BCM6123S60E10ASM0P Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10ASM0R VICOR-BCM6123S60E10ASM0R Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123S60E10AST01 VICOR-BCM6123S60E10AST01 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM6123S60E15A3M0R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com