Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM3814V60E15A3T10 Datasheet(PDF) 5 Page - Vicor Corporation

Part # BCM3814V60E15A3T10
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3T10 Datasheet(HTML) 5 Page - Vicor Corporation

  BCM3814V60E15A3T10 Datasheet HTML 1Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 2Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 3Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 4Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3T10 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 5 of 38
05/2016
800 927.9474
BCM3814x60E15A3yzz
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain High Voltage Side to Low Voltage Side Specification (Forward Direction)
High Side Input Voltage range,
continuous
VHI_DC
36
60
V
VHI µController
VµC_ACTIVE
VHI_DC voltage where µC is initialized,
(powertrain inactive)
14
V
HI to LO Input Quiescent Current
IHI_Q
Disabled, VHI_DC = 54V
5
mA
TCASE ≤ 100ºC
10
HI to LO No Load Power Dissipation
PHI_NL
VHI_DC = 54V, TCASE = 25ºC
14.7
21.6
W
VHI_DC = 54V
7.5
35.2
VHI_DC = 36V to 60V, TCASE = 25ºC
25
VHI_DC = 36V to 60V
38
HI to LO Inrush Current Peak
IHI_INR_PK
VHI_DC = 60V, CLO_EXT = 1000 µF, RLOAD_LO = 20% of full
load current
40
A
TCASE ≤ 100ºC
45
DC High Side Input Current
IHI_IN_DC
At ILO_OUT_DC = 130A, TCASE ≤ 90ºC
33
A
Transformation Ratio
K
High voltage to low voltage, K = VLO_DC / VHI_DC, at no
load
1/4
V/V
Low Side Output Current
(continuous)
ILO_OUT_DC
TCASE ≤ 90ºC
130
A
Low Side Output Current (pulsed)
ILO_OUT_PULSE
10ms pulse, 25% Duty cycle, ILO_OUT_AVG ≤ 50% rated
ILO_OUT_DC
143
A
HI to LO Efficiency (ambient)
ηh
AMB
VHI_DC = 54V, ILO_OUT_DC = 130A
96.2
97
%
VHI_DC = 36V to 60V, ILO_OUT_DC = 130A
95.2
VHI_DC = 54V, ILO_OUT_DC = 65A
96.7
97.4
HI to LO Efficiency (hot)
ηh
HOT
VHI_DC = 54V, ILO_OUT_DC = 130A TCASE = 90°C
95.6
96.2
%
HI to LO Efficiency
(over load range)
ηh
20%
26A < ILO_OUT_DC < 130A
94
%
HI to LO Output Resistance
RLO_COLD
VHI_DC = 54V, ILO_OUT_DC = 130A, TCASE = -40°C
1.2
1.9
2.3
RLO_AMB
VHI_DC = 54V, ILO_OUT_DC = 130A
1.6
2.4
2.8
RLO_HOT
VHI_DC = 54V, ILO_OUT_DC = 130A, TCASE = 90°C
2.2
2.8
3.3
Switching Frequency
FSW
Frequency of the LO Side Voltage Ripple = 2x FSW
0.9
0.95
1.0
MHz
Low Side Output Voltage Ripple
VLO_OUT_PP
CLO_EXT = 0µF, ILO_OUT_DC = 130A, VHI_DC = 54V,
20MHz BW
120
mV
TCASE ≤ 100ºC
250


Similar Part No. - BCM3814V60E15A3T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814V60E15A3T10 VICOR-BCM3814V60E15A3T10 Datasheet
1Mb / 39P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814V60E15A3T10 VICOR-BCM3814V60E15A3T10 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM3814V60E15A3T10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com