Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM3814B60E10ASC10 Datasheet(PDF) 6 Page - Vicor Corporation

Part # BCM3814B60E10ASC10
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814B60E10ASC10 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM3814B60E10ASC10 Datasheet HTML 2Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 3Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 4Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 5Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 6Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 7Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 8Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 9Page - Vicor Corporation BCM3814B60E10ASC10 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 6 of 38
05/2016
800 927.9474
BCM3814x60E10A5yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powertrain High Voltage Side to Low Voltage Side Specification (Forward Direction) Cont.
Effective HI Side Capacitance
(Internal)
CHI_INT
Effective Value at 54VHI_DC
11.2
µF
Effective LO Side Capacitance
(Internal)
CLO_INT
Effective Value at 9VLO_DC
202
µF
Effective LO Side Output Capacitance
(External)
CLO_OUT_EXT
Excessive capacitance may drive module into SC
protection
6000
µF
Effective LO Side Output Capacitance
(External)
CLO_OUT_AEXT
CLO_OUT_AEXT Max = N * 0.5 * CLO_OUT_EXT MAX, where N
= the number of units in parallel
Powertrain Protection High Voltage Side to Low Voltage Side (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VHI_DC > VHI_UVLO+
490
560
ms
HI Side Overvoltage Lockout
Threshold
VHI_OVLO+
63
67
71
V
HI Side Overvoltage Recovery
Threshold
VHI_OVLO-
61
65
69
V
HI Side Overvoltage Lockout
Hysteresis
VHI_OVLO_HYST
2
V
HI Side Overvoltage Lockout
Response Time
tHI_OVLO
100
µs
HI Side Soft-Start Time
tHI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
LO Side Output Overcurrent Trip
Threshold
ILO_OUT_OCP
180
204
240
A
LO Side Output Overcurrent
Response Time Constant
tLO_OUT_OCP
Effective internal RC filter
3
ms
LO Side Output Short Circuit
Protection Trip Threshold
ILO_OUT_SCP
195
A
LO Side Output Short Circuit
Protection Response Time
tLO_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
(Internal Temperature)
125
°C


Similar Part No. - BCM3814B60E10ASC10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814B60E10ASC10 VICOR-BCM3814B60E10ASC10 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM3814B60E10ASC10

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814B60E15A3C02 VICOR-BCM3814B60E15A3C02 Datasheet
1Mb / 38P
   Isolated, Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com