Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF5C-26DA-2.54R Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF5C-26DA-2.54R
Description  Card Edge Type Ribbon Cable Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF5C-26DA-2.54R Datasheet(HTML) 1 Page - Hirose Electric

  HIF5C-26DA-2.54R Datasheet HTML 1Page - Hirose Electric HIF5C-26DA-2.54R Datasheet HTML 2Page - Hirose Electric HIF5C-26DA-2.54R Datasheet HTML 3Page - Hirose Electric HIF5C-26DA-2.54R Datasheet HTML 4Page - Hirose Electric HIF5C-26DA-2.54R Datasheet HTML 5Page - Hirose Electric HIF5C-26DA-2.54R Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B55
Card Edge Type Ribbon Cable Connector
HIF5 Series
---------------
s Features
1. Product Variation
The area to install the connector body is classified into three types according to full
hole mounting area, semi-mounting area and non-mounting area.
2. Mounting Density Enhancement
This connector is designed so that the ribbon cable can turn
back within the connector molding range. The connector can be
installed without coming out of the insulator.
3. Applicable Cable
The applicable cable is a <UL2651>AWG
#28 flat cable
(7 pcs./0.127mm, jacket dia.: 0.8~1.0mm).
500V DC
650V AC/1 minute
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
Flow: 260ç for 10 seconds
Manual soldering: 300ç for 3 seconds
(–55ç: 30 minutes ➝15 to 35ç: 5 minutes max.
125ç: 30 minutes ➝15 to 35ç: 5 minutes max.) 5 cycles
1000M ohms min.
No flashover or insulation breakdown.
15m ohms max.
No electrical discontinuity of 1µs or more
Insulation resistance: 1000M ohms min.
Contact resistance15m ohms max.
No deformation of components affecting performance.
No damage, cracks, or parts looseness.
1. Insulation Resistance
2. Withstanding voltage
3. Contact Resistance
4. Vibration
5. Humidity (Steady state)
7. Durability (Mating/un-mating)
8. Resistance to
Soldering heat
6. Temperature Cycle
Rating
Current rating: 1A
Voltage rating: 200V AC
Operating Temperature Range:–55 to +85ç (Note 1)
Operating Moisture Range:40 to 80%
Storage Temperature Range:–10 to +60ç(Note 2)
Storage Humidity Range:40 to 70% (Note 2)
s Product Specifications
Item
Specification
Condition
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
s Material
Part
Material
Finish
Remarks
Insulator
Contact
Copper alloy
Contact area
Connection area
PBT
Black
Gold plated
Tin-lead plated
UL94V-0
s Applications
Computers, FDD, various kinds of electronic equipment.
s Ordering Information
Series Name: HIF 5
Mold type B: With full mounting hole
C: With half mounting hole
D: Without mounting hole
Number of contacts: 20, 26, 34, 40, 50, 60
Contact alignment: D : Double
Plating type: A : Selective gold plated
Contact Pitch: 2.54mm
Connection type: R : Ribbon cable
1
2
4
5
3
HIF5
B - * D A - 2.54 R
1
2
4
7
3
5
6
6
7


Similar Part No. - HIF5C-26DA-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-052DT-1.27R HIROSE-HIF12-052DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-060DT-1.27R HIROSE-HIF12-060DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-068DT-1.27R HIROSE-HIF12-068DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
HIF12-080DT-1.27R HIROSE-HIF12-080DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
More results

Similar Description - HIF5C-26DA-2.54R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FDB-25PF HIROSE-FDB-25PF Datasheet
397Kb / 6P
   FD TYPE CONNECTOR FOR RIBBON CABLE
logo
Adam Technologies, Inc.
MR64-PE-34 ADAM-TECH-MR64-PE-34 Datasheet
88Kb / 1P
   RIBBON CABLE IDC TYPE
MR64-SE-34 ADAM-TECH-MR64-SE-34 Datasheet
77Kb / 1P
   RIBBON CABLE IDC TYPE
logo
Hirose Electric
HIF3BDE-10PD-2.54R-MC HIROSE-HIF3BDE-10PD-2.54R-MC Datasheet
131Kb / 3P
   HIF3B In-line Type Ribbon Cable Connector
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
logo
Hirose Electric
HIF3E-10PA-2.54DS HIROSE-HIF3E-10PA-2.54DS Datasheet
123Kb / 2P
   Ribbon Cable Connector (Pin Header)
logo
Tyco Electronics
5102321-4 MACOM-5102321-4 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com