Electronic Components Datasheet Search |
|
BCM6123T60E10AST00 Datasheet(PDF) 9 Page - Vicor Corporation |
|
BCM6123T60E10AST00 Datasheet(HTML) 9 Page - Vicor Corporation |
9 / 23 page BCM® Bus Converter Rev 1.1 vicorpower.com Page 9 of 23 09/2015 800 927.9474 BCM6123x60E10A5yzz Auxiliary Voltage Source • The VAUX pin is a standard analog I/O configured as an output from an internal µC. • VAUX is internally connected to µC output as internally pulled high to a 3.3 V regulator with 2% tolerance, a 1% resistor of 1.5 kΩ. • VAUX can be used as a "Ready to process full power" flag. This pin transitions VAUX voltage after a 2 ms delay from the start of powertrain activating, signaling the end of softstart. • VAUX can be used as "Fault flag". This pin is pulled low internally when a fault protection is detected. SIGNAL TYPE STATE ATTRIBUTE SYMBOL CONDITIONS / NOTES MIN TYP MAX UNIT ANALOG OUTPUT Startup Powertrain active to VAUX time tVAUX Powertrain active to VAUX High 2 ms Regular Operation VAUX Voltage VVAUX 2.8 3.3 V VAUX Available Current IVAUX 4 mA VAUX Voltage Ripple VVAUX_PP 50 mV TINTERNAL ≤ 100ºC 100 VAUX Capacitance (External) CVAUX_EXT 0.01 µF VAUX Resistance (External) RVAUX_EXT VPRI_DC < VµC_ACTIVE 1.5 kΩ Fault VAUX Fault Response Time tVAUX_FR From fault to VVAUX = 2.8 V, CVAUX = 0 pF 10 µs Signal Characteristics (Cont.) Specifications apply over all line, load conditions, unless otherwise noted; Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL ≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted. |
Similar Part No. - BCM6123T60E10AST00 |
|
Similar Description - BCM6123T60E10AST00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |