Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM3814V60E15A3C02 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM3814V60E15A3C02
Description  Isolated, Fixed-Ratio DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM3814V60E15A3C02 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM3814V60E15A3C02 Datasheet HTML 1Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 2Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 3Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 4Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 5Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 6Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 7Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 8Page - Vicor Corporation BCM3814V60E15A3C02 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
BCM® in a VIA Package
Rev 1.1
vicorpower.com
Page 4 of 38
05/2016
800 927.9474
BCM3814x60E15A3yzz
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device.
Parameter
Comments
Min
Max
Unit
+HI to –HI
-1
80
V
HI_DC or LO_DC slew rate
1
V/µs
+LO to –LO
-1
20
V
EXT BIAS to SGND
-0.3
10
V
0.15
A
SCL to SGND
-0.3
5.5
V
SDA to SGND
-0.3
5.5
V
ADDR to SGND
-0.3
3.6
V
Dielectric Withstand*
See note below
High Voltage Side to Case
Basic Insulation
1500
VDC
High Voltage Side to
Low Voltage Side
Basic Insulation
1500
VDC
Low Voltage Side to Case
Functional Insulation
N/A
VDC
* The SELV Side (-LO) is directly connected to the case of the BCM in a VIA package.


Similar Part No. - BCM3814V60E15A3C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM3814V60E15A3C02 VICOR-BCM3814V60E15A3C02 Datasheet
1Mb / 39P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814V60E15A3C02 VICOR-BCM3814V60E15A3C02 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
More results

Similar Description - BCM3814V60E15A3C02

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E13A3YZZ VICOR-BCM6123XD1E13A3YZZ Datasheet
893Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
BCM3814X60E10A5YZZ VICOR-BCM3814X60E10A5YZZ_18 Datasheet
1Mb / 41P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E5126YZZ VICOR-BCM6123XD1E5126YZZ_17 Datasheet
876Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM4414XD1E2663YZZ VICOR-BCM4414XD1E2663YZZ Datasheet
1Mb / 43P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ Datasheet
895Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123XD1E2663YZZ VICOR-BCM6123XD1E2663YZZ Datasheet
850Kb / 28P
   Isolated Fixed Ratio DC-DC Converter
BCM6123XD1E1368YZZ VICOR-BCM6123XD1E1368YZZ_17 Datasheet
845Kb / 30P
   Isolated Fixed-Ratio DC-DC Converter
BCM6123X60E15A3YZZ VICOR-BCM6123X60E15A3YZZ_17 Datasheet
923Kb / 29P
   Isolated Fixed-Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com