Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BT096T240A00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # BCM48BT096T240A00
Description  BCM48BF096T240A00
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT096T240A00 Datasheet(HTML) 3 Page - Vicor Corporation

  BCM48BT096T240A00 Datasheet HTML 1Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 2Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 3Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT096T240A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
BCM® Bus Converter
Rev 1.3
vicorpower.com
Page 3 of 18
07/2015
800 927.9474
x096 240
y
B
48
BCM
A00
2.0 ELECTRICAL CHARACTERISTICS (CONT.)
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
PROTECTION
Input overvoltage lockout threshold
VIN_OVLO+
55.1
58.5
62
V
Input overvoltage recovery threshold
VIN_OVLO-
55.0
57.2
58
V
Input overvoltage lockout hysteresis
VIN_OVLO_HYST
1.2
V
Overvoltage lockout response time
TOVLO
8
µs
Fault recovery time
TAUTO_RESTART
240
300
380
ms
Input undervoltage lockout threshold
VIN_UVLO-
28.5
31.1
37.4
V
Input undervoltage recovery threshold
VIN_UVLO+
28.5
33.7
37.4
V
Input undervoltage lockout hysteresis
VIN_UVLO_HYST
1.6
V
Undervoltage lockout response time
TUVLO
8
µs
Output overcurrent trip threshold
IOCP
30
39
55
A
Output overcurrent response time constant
TOCP
Effective internal RC filter
3.8
ms
Short circuit protection trip threshold
ISCP
63
A
Short circuit protection response time
TSCP
1
µs
Thermal shutdown threshold
TJ_OTP
125
ºC
Safe Operating Area Average & Peak
Output Voltage (V)
P (ave)
P (pk), < 10 ms
I (ave)
I (pk), < 10 ms
0
20
40
60
80
100
50
100
150
200
250
300
7.0
8.0
9.0
10.0
11.0
Figure 1 — Safe operating area


Similar Part No. - BCM48BT096T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT096M240A00 VICOR-BCM48BT096M240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com