Electronic Components Datasheet Search |
|
BCM48BF096T240A00 Datasheet(PDF) 2 Page - Vicor Corporation |
|
BCM48BF096T240A00 Datasheet(HTML) 2 Page - Vicor Corporation |
2 / 18 page BCM® Bus Converter Rev 1.3 vicorpower.com Page 2 of 18 07/2015 800 927.9474 x096 240 y B 48 BCM A00 ATTRIBUTE SYMBOL CONDITIONS / NOTES MIN TYP MAX UNIT POWERTRAIN Input voltage range, continuous VIN_DC 38 55 V Input voltage range, transient VIN_TRANS Full current or power supported, 50 ms max, 38 55 V 10% duty cycle max Quiescent current IQ Disabled, PC Low 2.0 3.0 mA VIN to VOUT time TON1 VIN = 48 V, PC floating 500 560 750 ms No load power dissipation PNL VIN = 48 V, TC = 25ºC 4.5 6.0 W VIN = 48 V 3.5 11.0 VIN = 38 V to 55 V, TC = 25ºC 8 VIN = 38 V to 55 V 12 Inrush current peak IINR_P Worse case of: VIN = 55 V, COUT = 1600 µF, 12 19 A RLOAD = 376 mΩ DC input current IIN_DC At POUT= 240 W 6.6 A Transformation ratio K K = VOUT/VIN, at no load 1/5 V/ V Output power (average) POUT_AVG 240 W Output power (peak) POUT_PK 10 ms max, POUT_AVG ≤ 240 W 240 W Output current (average) IOUT_AVG 25 A Output current (peak) IOUT_PK 10 ms max, IOUT_AVG ≤ 25 A 38 A VIN = 48 V, IOUT = 25 A; Tc = 25°C 94.5 95.8 Efficiency (ambient) hAMB VIN = 38 V to 55 V, IOUT = 25 A; Tc = 25°C 92.0 % VIN = 48 V, IOUT = 13 A; Tc = 25°C 93.0 94.9 Efficiency (hot) hHOT VIN = 48 V, IOUT = 25 A; Tc = 100°C 95.0 95.8 % Efficiency (over load range) h 20% 5 A < IOUT < 25 A 82.0 % ROUT_COLD IOUT = 25 A, Tc = -40°C 3.5 5.4 10.0 m Ω Output resistance ROUT_AMB IOUT = 25 A, Tc = 25°C 5.0 7.8 12.0 m Ω ROUT_HOT IOUT = 25 A, TC = 100°C 6.5 9.2 14.0 m Ω Switching frequency FSW 1.50 1.55 1.60 MHz Output voltage ripple VOUT_PP COUT = 0 F, IOUT = 25 A, VIN = 48 V, 200 250 mV 20 MHz BW, Section 10 Output inductance (parasitic) LOUT_PAR Frequency up to 30 MHz, 600 pH Simulated J-lead model Output capacitance (internal) COUT_INT Effective value at 9.6 VOUT 45 µF Output capacitance (external) COUT_EXT 0 1600 µF 1.0 ABSOLUTE MAXIMUM RATINGS The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent damage to the device. 2.0 ELECTRICAL CHARACTERISTICS Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature range of -40°C < TC < 100°C (T-Grade); All other specifications are at TC = 25ºC unless otherwise noted. MIN MAX UNIT +IN to –IN . . . . . . . . . . . . . . . . . . . . . . . -1 60 V VIN slew rate (operational) . . . . . . . . . -1 1 V/µs Isolation voltage, input to output . . . . 2250 V +OUT to –OUT . . . . . . . . . . . . . . . . . . . -1 16 V MIN MAX UNIT Output current transient (< = 10 ms, < = 10% DC) . . . . . . . . . . . . -3 38 A Output current average . . . . . . . . . . . . -2 30 A PC to –IN . . . . . . . . . . . . . . . . . . . . . . . . -0.3 20 V TM to –IN . . . . . . . . . . . . . . . . . . . . . . . -0.3 7 V |
Similar Part No. - BCM48BF096T240A00 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |