Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BT160M240A00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM48BT160M240A00
Description  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT160M240A00 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM48BT160M240A00 Datasheet HTML 1Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 2Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 3Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT160M240A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 4 of 18
07/2015
800 927.9474
x160 240
y
B
48
BCM
A00
3.0 SIGNAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature
range of -40°C < TC < 100°C (T-Grade); All other specifications are at TC = 25°C unless otherwise noted.
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
Regular
PC voltage
VPC
4.7
5.0
5.3
V
Operation
PC available current
IPC_OP
2.0
3.5
5.0
mA
ANALOG
Standby
PC source (current)
IPC_EN
50
100
µA
OUTPUT
PC resistance (internal)
RPC_INT
Internal pull down resistor
50
150
400
k
Ω
Transition
PC capacitance (internal)
CPC_INT
Section 7
1100
pF
Start Up
PC load resistance
RPC_S
To permit regular operation
60
k
Ω
Regular
PC enable threshold
VPC_EN
2.0
2.5
3.0
V
Operation
DIGITAL
Standby
PC disable duration
TPC_DIS_T Minimum time before attempting re-enable
1
s
INPUT / OUPUT
PC threshold hysteresis
VPC_HYSTER
50
mV
Transition
PC enable to VOUT time
TON2
VIN = 48 V for at least TON1 ms
50
100
150
µs
PC disable to standby time
TPC-DIS
4
10
µs
PC fault response time
TFR_PC
From fault to PC = 2 V
100
µs
• The PC pin enables and disables the BCM. When held low,
the BCM is disabled.
• In an array of BCM modules, PC pins should be interconnected
to synchronize start up and permit start up into full load conditions.
• PC pin outputs 5 V during normal operation. PC pin internal bias
level drops to 2.5 V during fault mode, provided VIN remains
in the valid range.
PRIMARY CONTROL : PC
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
TM voltage range
VTM
2.12
4.04
V
Regular
TM voltage reference
VTM_AMB
TJ controller = 27°C
2.95
3.00
3.05
V
ANALOG
Operation
TM available current
ITM
100
µA
OUTPUT
TM gain
ATM
10
mV/°C
TM voltage ripple
VTM_PP
CTM = 0 pF, VIN = 48 V, IOUT = 15 A
120
200
mV
DIGITAL
Transition
TM capacitance (external)
CTM_EXT
50
pF
OUTPUT
TM fault response time
TFR_TM
From fault to TM = 1.5 V
10
µs
(FAULT FLAG)
Standby
TM voltage
VTM_DIS
0
V
TM pull down (internal)
RTM_INT
Internal pull down resistor
25
40
50
k
Ω
• The TM pin monitors the internal temperature of the controller IC
within an accuracy of ±5°C.
• Can be used as a "Power Good" flag to verify that
the BCM module is operating.
• Is used to drive the internal comparator for Overtemperature Shutdown.
TEMPERATURE MONITOR : TM
Reserved for factory use. No connection should be made to this pin.
RESERVED : RSV


Similar Part No. - BCM48BT160M240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT160M240A00 VICOR-BCM48BT160M240A00 Datasheet
778Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BT160M240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com