Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BF080T240A00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # BCM48BF080T240A00
Description  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BF080T240A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button BCM48BF080T240A00 Datasheet HTML 2Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 3Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 9Page - Vicor Corporation BCM48BF080T240A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BCM® Bus Converter
Rev 1.3
vicorpower.com
Page 6 of 18
07/2015
800 927.9474
x080 240
y
B
48
BCM
A00
5.0 APPLICATION CHARACTERISTICS
The following values, typical of an application environment, are collected at TC = 25ºC unless otherwise noted. See associated figures
for general trend data.
No Load Power Dissipation vs. Line
Input Voltage (V)
-40 °C
100 °C
T
:
CASE
25 °C
0
2
4
6
8
10
12
38
40
42
44
46
47
49
51
53
55
Full Load Efficiency vs. TCASE
Case Temperature (°C)
38 V
48 V
55 V
V :
IN
93
94
95
96
-40
-20
0
20
40
60
80
100
Efficiency & Power Dissipation -40 °C Case
Load Current (A)
38 V
48 V
55 V
V :
IN
38 V
48 V
55 V
PD
97
87
82
77
92
72
67
30
20
15
10
25
5
0
30
20
15
10
25
5
0
Figure 2 — No load power dissipation vs. VIN
Figure 3 — Full load efficiency vs. temperature; VIN
Figure 4 — Efficiency and power dissipation at TC = -40°C
Efficiency & Power Dissipation 25 °C Case
Load Current (A)
38 V
48 V
55 V
V :
IN
38 V
48 V
55 V
0
5
10
15
20
25
30
77
79
81
83
85
87
89
91
93
95
97
0
5
10
15
20
25
30
PD
Efficiency & Power Dissipation 100 °C Case
Load Current (A)
38 V
48 V
55 V
V :
IN
38 V
48 V
55 V
0
5
10
15
20
25
30
77
79
81
83
85
87
89
91
93
95
97
0
5
10
15
20
25
30
PD
Figure 5 — Efficiency and power dissipation at TC = 25°C
ROUT vs. TCASE at V
IN = 48 V
Case Temperature (°C)
I
:
OUT
36 A
-40
-20
0
20
40
60
80
100
5.0
6.0
7.0
8.0
9.0


Similar Part No. - BCM48BF080T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BF080T240A00 VICOR-BCM48BF080T240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BF080T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com