Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BT060T240A00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM48BT060T240A00
Description  Fixed Ratio DC-DC Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BT060T240A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM48BT060T240A00 Datasheet HTML 4Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 5Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 6Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 7Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 8Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 9Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 10Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 11Page - Vicor Corporation BCM48BT060T240A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 8 of 18
07/2015
800 927.9474
x060 240
y
B
48
BCM
A00
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
MECHANICAL
Length
L
32.25 / [1.270]
32.50 / [1.280]
32.75 / [1.289]
mm/[in]
Width
W
21.75 / [0.856]
22.00 / [0.866]
22.25 / [0.876]
mm/[in]
Height
H
6.48 / [0.255]
6.73 / [0.265]
6.98 / [0.275]
mm/[in]
Volume
Vol
No heat sink
4.81 / [0.294]
cm3/[in3]
Weight
W
14.5 / [0.512]
g/[oz]
Nickel
0.51
2.03
Lead finish
Palladium
0.02
0.15
µm
Gold
0.003
0.051
THERMAL
BCM48BF060T240A00 (T-Grade)
-40
125
°C
Operating temperature
TJ
BCM48BF060M240A00 (M-Grade)
-55
125
°C
Thermal resistance
f
JC
Isothermal heatsink and
1
°C/W
isothermal internal PCB
Thermal capacity
5
Ws/°C
ASSEMBLY
Peak compressive force
Supported by J-lead only
6
lbs
applied to case (Z-axis)
5.41
lbs / in2
BCM48BF060T240A00 (T-Grade)
-40
125
°C
Storage temperature
TST
BCM48BF060M240A00 (M-Grade)
-65
125
°C
ESDHBM
Human Body Model,
1000
"JEDEC JESD 22-A114D.01"Class 1D
ESD withstand
ESDCDM
Charge Device Model,
400
V
"JEDEC JESD 22-C101-D"
SOLDERING
Peak temperature during reflow
MSL 4 (Datecode 1528 and later)
245
°C
Peak time above 217°C
60
90
s
Peak heating rate during reflow
1.5
3
°C/s
Peak cooling rate post reflow
1.5
6
°C/s
SAFETY
Working voltage (IN – OUT)
VIN_OUT
60
VDC
Isolation voltage (hipot)
VHIPOT
2,250
VDC
Isolation capacitance
CIN_OUT
Unpowered unit
2500
3200
3800
pF
Isolation resistance
RIN_OUT
At 500 Vdc
10
M
Ω
MTBF
3.84
MHrs
7.60
MHrs
cTUVus
Agency approvals / standards
cURus
CE Marked for Low Voltage Directive and ROHS recast directive, as applicable.
6.0 GENERAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature
range of -40ºC < TJ < 125ºC (T-Grade); All other specifications are at TJ = 25°C unless otherwise noted.
Telcordia Issue 2 - Method I Case III;
25°C Ground Benign, Controlled
MIL-HDBK-217Plus Parts Count - 25°C
Ground Benign, Stationary, Indoors /
Computer Profile


Similar Part No. - BCM48BT060T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BT030M210A00 VICOR-BCM48BT030M210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BT030M210AOO VICOR-BCM48BT030M210AOO Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM48BT030T210AOO VICOR-BCM48BT030T210AOO Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM48BT040M200B00 VICOR-BCM48BT040M200B00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM48BT040T200B00 VICOR-BCM48BT040T200B00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BT060T240A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM380X475Y1K2A3Z VICOR-BCM380X475Y1K2A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400Y500X1K8A31 VICOR-BCM400Y500X1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380X475Y800A3Z VICOR-BCM380X475Y800A3Z Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM384X120Y800ACZ VICOR-BCM384X120Y800ACZ Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM400P500T1K8A31 VICOR-BCM400P500T1K8A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A30 VICOR-BCM380P475T1K2A30 Datasheet
3Mb / 25P
   Fixed Ratio DC-DC Converter
BCM380P475T1K2A31 VICOR-BCM380P475T1K2A31 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B480300A00 VICOR-BCM48B480300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
BCM6123T60E10AST00 VICOR-BCM6123T60E10AST00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM6123T60E15A3T00 VICOR-BCM6123T60E15A3T00 Datasheet
2Mb / 23P
   Fixed Ratio DC-DC Converter
BCM48B120300A00 VICOR-BCM48B120300A00 Datasheet
2Mb / 18P
   Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com