Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF2E-26D-2.54RSB Datasheet(PDF) 4 Page - Hirose Electric

Part # HIF2E-26D-2.54RSB
Description  2.54mm Connector Directly Mounted on Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF2E-26D-2.54RSB Datasheet(HTML) 4 Page - Hirose Electric

  HIF2E-26D-2.54RSB Datasheet HTML 1Page - Hirose Electric HIF2E-26D-2.54RSB Datasheet HTML 2Page - Hirose Electric HIF2E-26D-2.54RSB Datasheet HTML 3Page - Hirose Electric HIF2E-26D-2.54RSB Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B12
BConnection Circuit Diagram
HIF2E-*D-2.54RB (RSB)
qType A-A
qType A-B
HIF2E-*D-2.54RA (RSA)
qType A-A
qType A-B
Note: In the above circuit connection diagram, the mark and character marking directions are optional.


Similar Part No. - HIF2E-26D-2.54RSB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2E-26D-2.54RA HIROSE-HIF2E-26D-2.54RA Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
HIF2E-26D-2.54RB HIROSE-HIF2E-26D-2.54RB Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results

Similar Description - HIF2E-26D-2.54RSB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com