Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45R86400F Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS45R86400F
Description  8K refresh cycles every 64 ms
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45R86400F Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS45R86400F Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45R86400F Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. 00A
11/5/2013
IS42/45R86400F/16320F/32160F, IS42/45S86400F/16320F/32160F
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
WE
CAS
RAS
CS
BA0
BA1
A10
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
PIN CONFIGURATIONS
54 pin TSOP - Type II for x8
PIN DESCRIPTIONS
A0-A12
Row Address Input
A0-A9, A11
Column Address Input
BA0,BA1
BankSelectAddress
DQ0toDQ7
DataI/O
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
Row Address Strobe Command
CAS
Column Address Strobe Command
WE
Write Enable
DQM
DataInput/OutputMask
Vdd
Power
Vss
Ground
Vddq
PowerSupplyforI/OPin
Vssq
GroundforI/OPin
NC
No Connection


Similar Part No. - IS45R86400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45R86400D ISSI-IS45R86400D Datasheet
1Mb / 66P
   Internal bank for hiding row access/precharge
More results

Similar Description - IS45R86400F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42VS16100E ISSI-IS42VS16100E Datasheet
1Mb / 81P
   2048 refresh cycles every 32 ms
logo
Elpida Memory
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
   64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
logo
Elpida Memory
HM5164165F ELPIDA-HM5164165F Datasheet
315Kb / 36P
   64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
   128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
logo
Infineon Technologies A...
S27KL0642 INFINEON-S27KL0642 Datasheet
1Mb / 58P
   64-Mb HYPERRAM??self-refresh DRAM (PSRAM)
002-24692 Rev. *H
logo
Cypress Semiconductor
CY14E064L CYPRESS-CY14E064L Datasheet
840Kb / 16P
   64-Kbit (8K x 8) nvSRAM
CY14E064L CYPRESS-CY14E064L_07 Datasheet
520Kb / 17P
   64 Kbit (8K x 8) nvSRAM
logo
Samsung semiconductor
M466F0804DT1-L SAMSUNG-M466F0804DT1-L Datasheet
463Kb / 20P
   8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com