Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS39LV512 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS39LV512
Description  High Performance Read
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS39LV512 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS39LV512 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS39LV512 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FEATURES
• Single Power Supply Operation
- Low voltage range: 2.70 V - 3.60 V
• Memory Organization
- IS39LV512: 64K x 8 (512 Kbit)
- IS39LV010: 128K x 8 (1 Mbit)
- IS39LV040: 512K x 8 (4 Mbit)
• High Performance Read
- 70 ns access time
• Cost Effective Sector/Block Architecture
- Uniform 4 Kbyte sectors
- Uniform 64 Kbyte blocks (sector group - except
IS39LV512)
• Data# Polling and Toggle Bit Features
• Hardware Data Protection
• Automatic Erase and Byte Program
- Build-in automatic program verification
- Typical 16 µs/byte programming time
- Typical 55 ms sector/block/chip erase time
• Low Power Consumption
- Typical 4 mA active read current
- Typical 8 mA program/erase current
- Typical 0.1 µA CMOS standby current
• High Product Endurance
- Guarantee 100,000 program/erase cycles per
single sector (preliminary)
- Minimum 20 years data retention
• Industrial Standard Pin-out and Packaging
- 32-pin (8 mm x 14 mm) VSOP
- 32-pin PLCC
- Optional lead-free (Pb-free) package
• Operation temperature range
- IS39LV512/010
-40oC~+85oC
- IS39LV040
0oC~+85oC
GENERAL DESCRIPTION
The IS39LV512/010/040 are 512 Kbit/1 Mbit/4 Mbit 3.0 Volt-only Flash Memories. These devices are designed
to use a single low voltage, range from 2.70 Volt to 3.60 Volt, power supply to perform read, erase and program
operations. The 12.0 Volt VPP power supply for program and erase operations are not required. The devices can
be programmed in standard EPROM programmers as well.
The memory array of IS39LV512 is divided into uniform 4 Kbyte sectors for data or code storage. The memory
arrays of IS39LV010/040 are divided into uniform 4 Kbyte sectors or uniform 64 Kbyte blocks (sector group -
consists of sixteen adjacent sectors). The sector or block erase feature allows users to flexibly erase a memory
area as small as 4 Kbyte or as large as 64 Kbyte by one single erase operation without affecting the data in
others. The chip erase feature allows the whole memory array to be erased in one single erase operation. The
devices can be programmed on a byte-by-byte basis after performing the erase operation.
The devices have a standard microprocessor interface as well as a JEDEC standard pin-out/command set. The
program operation is executed by issuing the program command code into command register. The internal control
logic automatically handles the programming voltage ramp-up and timing. The erase operation is executed by
issuing the chip erase, block, or sector erase command code into command register. The internal control logic
automatically handles the erase voltage ramp-up and timing. The preprogramming on the array which has not
been programmed is not required before an erase operation. The devices offer Data# Polling and Toggle Bit
functions, the progress or completion of program and erase operations can be detected by reading the Data#
Polling on I/O7 or the Toggle Bit on I/O6.
The IS39LV512/010/040 are manufactured on pFLASH™’s advanced nonvolatile CMOS technology. The devices
are offered in 32-pin VSOP and PLCC packages with 70 ns access time.
512 Kbit / 1Mbit / 4Mbit 3.0 Volt-only CMOS Flash Memory
IS39LV512 / IS39LV010 / IS39LV040
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev.  A
04/24/2013


Similar Part No. - IS39LV512

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS30-12 PAIRUI-IS30-12 Datasheet
751Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS30-12 PAIRUI-IS30-12 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS30-15 PAIRUI-IS30-15 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
IS30-24 PAIRUI-IS30-24 Datasheet
751Kb / 19P
   AC-DC Din Rail Mounted Power Supply
IS30-24 PAIRUI-IS30-24 Datasheet
1Mb / 19P
   AC-DC Din Rail Mounted Power Supply
More results

Similar Description - IS39LV512

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34066 ONSEMI-MC34066 Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
logo
Pepperl+Fuchs Inc.
WCS3B-LS410 PF-WCS3B-LS410 Datasheet
282Kb / 2P
   Read head
WCS3B-LS610H PF-WCS3B-LS610H Datasheet
862Kb / 4P
   Read head
WCS3B-LS266D PF-WCS3B-LS266D Datasheet
286Kb / 2P
   Read head
WCS3B-LS310-Y244234 PF-WCS3B-LS310-Y244234 Datasheet
233Kb / 2P
   Read head
IRH-12GM-V1 PF-IRH-12GM-V1 Datasheet
260Kb / 3P
   Read head
WCS3R-LS246-Y211383 PF-WCS3R-LS246-Y211383 Datasheet
260Kb / 2P
   Read head
WCS2B-LS257 PF-WCS2B-LS257 Datasheet
263Kb / 2P
   Read head
WCS2B-LS266 PF-WCS2B-LS266 Datasheet
263Kb / 2P
   Read head
WCS2B-LS311 PF-WCS2B-LS311 Datasheet
264Kb / 2P
   Read head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com