Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS32LT3953 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS32LT3953
Description  CONSTANT-CURRENT 3-AMPERE PWM DIMMABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3953 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS32LT3953 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3953 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IS32LT3953
Integrated Silicon Solution, Inc. – www.issi.com
5
Rev. 00A, 11/29/2013
ELECTRICAL CHARACTERISTICS (CONTINUE)
VIN = 24V, TA = -40⁰C ~ +125⁰C, Typical values are at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Enable Input
VIH
Logic high voltage
VPWM increasing
1.8
V
VIL
Logic low voltage
VPWM decreasing
0.4
V
RPWMPD EN pin pull-down resistance
VPWM = 5V
100
kΩ
tPWML
Maximum PWM dimming off-time
Measured while PWM =
low, during dimming control,
and internal references are
powered-on (exceeding
tPWML results in shutdown)
10
17
ms
Thermal Shutdown
TSD
Thermal shutdown threshold
165
°C
TSDHYS Thermal shutdown hysteresis
25
°C
Note 1:
The internal linear regulator is not designed to drive an external load.


Similar Part No. - IS32LT3953

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3120 ISSI-IS32LT3120 Datasheet
467Kb / 14P
   DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3171 ISSI-IS32LT3171 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6211 ALLEGRO-A6211 Datasheet
614Kb / 17P
   Constant-Current 3-Ampere PWM Dimmable Buck Regulator LED Driver
logo
QX Micro Devices Co.,Lt...
QX7138 QXMD-QX7138 Datasheet
1Mb / 2P
   PWM dimmable LED constant current driver
logo
List of Unclassifed Man...
LED39WPR-056-C0700-BD ETC2-LED39WPR-056-C0700-BD Datasheet
933Kb / 4P
   Dimmable Constant Current Driver
logo
Maxic Technology Corpor...
MT7816C MAXIC-MT7816C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7817CD MAXIC-MT7817CD Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7818C MAXIC-MT7818C Datasheet
291Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
MT7815C MAXIC-MT7815C Datasheet
286Kb / 1P
   PWM/Analog dimmable Non-isolated Constant Current LED Driver
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
   Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
Shenzhen Huazhimei Semi...
HM7140 HMSEMI-HM7140 Datasheet
457Kb / 9P
   Dimmable constant current LED driver
logo
Maxic Technology Corpor...
MT7658H MAXIC-MT7658H Datasheet
456Kb / 1P
   High PF, Dual Path, PWM Dimmable Linear Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com