Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25LQ025B Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS25LQ025B
Description  3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LQ025B Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS25LQ025B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LQ025B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
IS25LQ025/512/010/020/040B
Integrated Silicon Solution, Inc.- www.issi.com
Rev.A
12/12/2014
4
8.23 READ PRODUCT IDENTIFICATION (RDID, ABh) ............................................................................42
8.24 READ PRODUCT IDENTIFICATION BY JEDEC ID OPERATION (RDJDID, 9Fh) ...........................43
8.25 READ DEVICE MANUFACTURER AND DEVICE ID OPERATION (RDMDID, 90h) ........................44
8.26 READ UNIQUE ID NUMBER (RDUID, 4Bh).......................................................................................45
8.27 READ SFDP OPERATION (RDSFDP, 5Ah).......................................................................................46
8.28 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h).............................47
8.29 SECURITY INFORMATION ROW (OTP AREA) ................................................................................48
8.30 INFORMATION ROW PROGRAM OPERATION (IRP, 62h)..............................................................48
8.31 INFORMATION ROW READ OPERATION (IRRD, 68h) ...................................................................50
9.
ELECTRICAL CHARACTERISTICS ..........................................................................................................51
9.1 ABSOLUTE MAXIMUM RATINGS
(1)....................................................................................................51
9.2 OPERATING RANGE ...........................................................................................................................51
9.3 DC CHARACTERISTICS ......................................................................................................................51
9.4 AC MEASUREMENT CONDITIONS ....................................................................................................52
9.5 AC CHARACTERISTICS ......................................................................................................................53
9.6 SERIAL INPUT/OUTPUT TIMING ........................................................................................................54
9.7 POWER-UP AND POWER-DOWN ......................................................................................................55
9.8 PROGRAM/ERASE PERFORMANCE .................................................................................................56
9.9 RELIABILITY CHARACTERISTICS......................................................................................................56
10. PACKAGE TYPE INFORMATION .............................................................................................................57
10.1 8-Pin JEDEC 208mil Broad Small Outline Integrated Circuit (SOIC) Package (JB).........................57
10.2 8-Pin JEDEC 150mil Broad Small Outline Integrated Circuit (SOIC) Package (JN) ........................58
10.3 8-Pin 150mil TSSOP Package (JD) ..................................................................................................59
10.4 8-Pin 150mil VVSOP Package (JV) ..................................................................................................60
10.5 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (JK) ..................................62
10.6 8-Contact Ultra-Thin Small Outline No-Lead (USON) Package 2x3mm (JU)...................................63
11. ORDERING INFORMATION ......................................................................................................................64


Similar Part No. - IS25LQ025B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016B-JBLA3 ISSI-IS25LQ016B-JBLA3 Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JBLE ISSI-IS25LQ016B-JBLE Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JFLA3 ISSI-IS25LQ016B-JFLA3 Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ016B-JFLE ISSI-IS25LQ016B-JFLE Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
More results

Similar Description - IS25LQ025B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LP256 ISSI-IS25LP256 Datasheet
984Kb / 15P
   3V SERIAL FLASH MEMORY WITH 166MHZ MULTI I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WQ020 ISSI-IS25WQ020 Datasheet
805Kb / 65P
   1.8V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP064A ISSI-IS25LP064A Datasheet
1Mb / 99P
   3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com