Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS32LT3120 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS32LT3120
Description  DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS32LT3120 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS32LT3120 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS32LT3120 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IS32LT3120
Integrated Silicon Solution, Inc. – www.issi.com
Rev.0A, 08/15/2014
2
PIN CONFIGURATION
Package
Pin Configuration (Top view)
SOP-8-EP
PIN DESCRIPTION
No.
Pin
Description
1
TSET
Timing control for the fade in and fade out feature. Connect a
resistor between this pin and GND to set the fade in and fade
out time. Connect this pin directly to ground to disable the fade
function for instant on/off.
2
ISET
Output current setting for both channel 1 and channel 2.
Connect a resistor between this pin and GND to set the
maximum output current.
3
GND
Ground pin for the device.
4
OUT1
Output current source channel 1.
5
OUT2
Output current source channel 2.
6
VCC
Power supply input pin.
7
EN2
Internally debounced input pin for control of channel 2.
Momentary contact will toggle the state of the corresponding
OUT2 LED. Pin condition is ignored until completion of fade in
or fade out function.
8
EN1
Internally debounced input pin for control of channel 1.
Momentary contact will toggle the state of the corresponding
OUT1 LED. Pin condition is ignored until completion of fade in
or fade out function.
Thermal Pad
Connect to GND.


Similar Part No. - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3170 ISSI-IS32LT3170 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3170-STLA3-TR ISSI-IS32LT3170-STLA3-TR Datasheet
442Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3171 ISSI-IS32LT3171 Datasheet
437Kb / 19P
   10-TO-150MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3172 ISSI-IS32LT3172 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
IS32LT3173 ISSI-IS32LT3173 Datasheet
459Kb / 19P
   10-TO-200MA CONSTANT-CURRENT LED DRIVER FOR AUTOMOTIVE
More results

Similar Description - IS32LT3120

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS32LT3174 ISSI-IS32LT3174 Datasheet
449Kb / 16P
   SINGLE CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
   SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
National Semiconductor ...
LM4897 NSC-LM4897 Datasheet
612Kb / 14P
   1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
logo
Texas Instruments
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
[Old version datasheet]   DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S61101 PRODUCTWELL-S61101_14 Datasheet
121Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S312HC PRODUCTWELL-S312HC_14 Datasheet
140Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S511HC PRODUCTWELL-S511HC_14 Datasheet
129Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712FD1 PRODUCTWELL-S712FD1_14 Datasheet
135Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
S712HA1 PRODUCTWELL-S712HA1_14 Datasheet
131Kb / 1P
   Fade conrtol for popular type audio mixers, musical keyboards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com