Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31LT3353 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31LT3353
Description  40V/1A BUCK LED DRIVER WITH INTERNAL SWITCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3353 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31LT3353 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3353 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
IS31LT3353
Integrated Silicon Solution, Inc. – www.issi.com
2
Rev. A, 10/13/2014
PIN CONFIGURATION
Package
Pin Configuration
SOT23-5
1
2
34
5
ADJ
ISENSE
VIN
GND
LX
PIN DESCRIPTION
No.
Pin
Description
1
LX
Drain of power switch.
2
GND
Ground (0V).
3
ADJ
Multi-function On/Off and brightness control pin:
* Leave floating for normal operation.(VADJ = VREF = 1.2V giving
nominal average output current IOUT_NOM =0.1/RS )
* Drive to voltage below 0.2V to turn off output current.
* Drive with DC voltage (0.3V<VADJ <1.2V) to adjust output current
from 25% to 100% of IOUT_NOM.
* Drive with PWM signal to adjust output current.
* When driving the ADJ pin above 1.2V, the current will be
clamped to 100% brightness automatically.
4
ISENSE
Connect resistor RS from this pin to VIN to define nominal average
output current IOUT_NOM =0.1/RS.
5
VIN
Input voltage (6V ~ 40V). Decouple to ground with 0.1μF X7R
ceramic capacitor as close to device as possible.


Similar Part No. - IS31LT3353

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350-V1STLS2-TR ISSI-IS31LT3350-V1STLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350-V2SDLS2-TR ISSI-IS31LT3350-V2SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350-V2STLS2-TR ISSI-IS31LT3350-V2STLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
More results

Similar Description - IS31LT3353

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7000 ETC2-ZLED7000 Datasheet
706Kb / 20P
   40V LED Driver with Internal Switch
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
   1A LED driver with internal switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
   1A LED driver with internal switch
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
   1A LED Driver with Internal Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com