Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF2E-60D-2.54RB Datasheet(PDF) 2 Page - Hirose Electric

Part # HIF2E-60D-2.54RB
Description  2.54mm Connector Directly Mounted on Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF2E-60D-2.54RB Datasheet(HTML) 2 Page - Hirose Electric

  HIF2E-60D-2.54RB Datasheet HTML 1Page - Hirose Electric HIF2E-60D-2.54RB Datasheet HTML 2Page - Hirose Electric HIF2E-60D-2.54RB Datasheet HTML 3Page - Hirose Electric HIF2E-60D-2.54RB Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B10
sCombination Pattern
BPCB mounting pattern
10 contacts
Unit: mm
A
B
17.17
10.16
14 contacts
22.25
15.24
16 contacts
24.79
17.78
20 contacts
29.87
22.86
26 contacts
37.49
30.48
30 contacts
42.57
35.56
34 contacts
47.65
40.64
40 contacts
55.27
48.26
50 contacts
67.97
60.96
60 contacts
80.67
73.66
A: Total pitch of connectors
n: Number of contacts
Through-hole finish hole diameter on printed board: 0.9
+0.1
+0


Similar Part No. - HIF2E-60D-2.54RB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2E-60D-2.54RB HIROSE-HIF2E-60D-2.54RB Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results

Similar Description - HIF2E-60D-2.54RB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF4-2P-2C HIROSE-DF4-2P-2C Datasheet
236Kb / 7P
   2mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com