Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT5-1S-HUI Datasheet(PDF) 9 Page - Hirose Electric

Part # GT5-1S-HUI
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT5-1S-HUI Datasheet(HTML) 9 Page - Hirose Electric

Back Button GT5-1S-HUI Datasheet HTML 2Page - Hirose Electric GT5-1S-HUI Datasheet HTML 3Page - Hirose Electric GT5-1S-HUI Datasheet HTML 4Page - Hirose Electric GT5-1S-HUI Datasheet HTML 5Page - Hirose Electric GT5-1S-HUI Datasheet HTML 6Page - Hirose Electric GT5-1S-HUI Datasheet HTML 7Page - Hirose Electric GT5-1S-HUI Datasheet HTML 8Page - Hirose Electric GT5-1S-HUI Datasheet HTML 9Page - Hirose Electric GT5-1S-HUI Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
F Connectors
Two-position type-Each Single-Conductor coaxial cable
Figure q
Figure w
Figure e
Figure r
Housing
GT5-2S-HU
GT5-2S-HU(A)
GT5-2S-HU(B)
GT5-2S-HU(C)
755-0044-1
755-0059-9
755-0060-8
755-0097-8
Figure q
Figure w
Figure e
Figure r
D2
A2
B2
C2
Part Number
CL No.
Color
Key polarizing
code
USCAR-19
Coding
Note 1: Terminal extraction tool: GT-PO(A)
Note 2: Used with separate retainer (GT-5-2P/S-R).
Light Gray
Brown
Green
Blue
Material
PBT
Shown with inserted retainer.
M Connectors
Housing[Panel Mounted Housing]
Figure q
Figure w
Figure e
Figure r
GT5-2PP-HU
GT5-2PP-HU(A)
GT5-2PP-HU(B)
GT5-2PP-HU(C)
755-0045-4
755-0063-6
755-0064-9
-
Part Number
CL No.
Key polarizing
code
Note: Used with separate retainer (GT-5-2P/S-R).
Coding D2 at USCAR-19 is GT5-2PP-HU.
Figure q
Figure w
Figure e
Figure r
Color
Light Gray
Brown
Green
Blue
Tin plating
BRecommended Mounting Bracket dimensions.
BFully mated connector assemblies
Part
Housing
Ground terminal
Material
PBT
Phosphor bronze
Finish
-
Tin plating
BKeying Configurations
BKeying Configurations
35


Similar Part No. - GT5-1S-HUI

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT5-1S-HU HIROSE-GT5-1S-HU Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
More results

Similar Description - GT5-1S-HUI

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10A-2022SCF HIROSE-GT10A-2022SCF Datasheet
409Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT11-2S-5.2C HIROSE-GT11-2S-5.2C Datasheet
416Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT16-2428SCF HIROSE-GT16-2428SCF Datasheet
224Kb / 9P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT1-1S-2428 HIROSE-GT1-1S-2428 Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com