Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31BL3508A Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31BL3508A
Description  1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3508A Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31BL3508A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31BL3508A Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IS31BL3508A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 05/10/2013
7
TYPICAL PERFORMANCE CHARACTERISTIC
Power Supply(V)
0
10
20
30
40
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
8 WLEDs
ILED = 20mA
10 WLEDs
ILED = 20mA
3×8 WLEDs
ILED = 160mA
Figure 7
Efficiency vs. VCC
VCC = 3.6V
ILED = 20mA
VCC
50mV/Div
VOUT
20mV/Div
Time(1µs/Div)
Figure 9
Ripple Voltage
Duty Cycle(%)
0
2040
6080
100
0
5
10
15
20
25
EN Pin Dimming
VEN = 2.8V
VCC = 3.6V
f = 20kHz
8WLEDs
Figure 11
Enable Pin Dimming
Power Supply(V)
2.5
3
3.5
4
4.5
5
5.5
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
8 WLEDs
ILED = 20mA
Figure 8
VFB vs. VCC
VCC = 3.6V
ILED = 20mA
f = 20kHz
VEN
2V/Div
IOUT
10mA/Div
Time(20µs/Div)
Figure 10
PWM Dimming from EN
Duty Cycle(%)
0
5
10
15
20
25
020
40
60
80
100
FB Pin PWM Dimming
VPWM = 2.8V
VCC = 3.6V
f = 20kHz
8WLEDs
Figure 12
FB pin PWM Dimming


Similar Part No. - IS31BL3508A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results

Similar Description - IS31BL3508A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-DLS2 ISSI-IS31BL3506A-DLS2 Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com