Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2110 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS31AP2110
Description  20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2110 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS31AP2110 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2110 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IS31AP2110
Integrated Silicon Solution, Inc. – www.issi.com
4
Rev. A, 09/01/2014
PIN DESCRIPTION
No.
Pin
Description
1
SDB
Shutdown signal for IC (Low = disabled, output Hi-Z; High =
operational). Voltage compliance to 26V.
2
FAULTB
Open drain output used to display short circuit or dc detect fault.
Voltage compliant to 26V. Short circuit faults can be set to auto-
recovery by connecting FAULTB pin to SDB pin. Otherwise, both short
circuit faults and dc detect faults must be reset by cycling VCC.
3
INL+
Positive audio input for left channel. Biased at 1.65V.
4
INL-
Negative audio input for left channel. Biased at 1.65V.
5
GAIN0
Gain select least significant bit. Voltage compliance to 26V.
6
GAIN1
Gain select most significant bit. Voltage compliance to 26V.
7,13,17,
21,22,26
NC
Not connected.
8
AGND
Analog signal ground. Connect to the thermal pad.
9
AVDD
3.3V regulated output.
10
PLIM
Power limit level adjustment. Connect a resistor divider from AVDD to
GND to set power limit. Give VPLIMIT <1.55V to set power limit level.
Connect to both of AVDD (>1.55V) and GND are all without power limit
feature.
11
INR-
Negative audio input for right channel. Biased at 1.65V.
12
INR+
Positive audio input for right channel. Biased at 1.65V.
14
PBTL
Parallel BTL mode switch, high for parallel BTL output. Voltage
compliance to 26V.
15, 16
VCCR
High-voltage power supply for right-channel. Right channel and left
channel power supply inputs are connect internal.
18
OUTR+
Class-D H-bridge positive output for right channel.
19
PGND
Power ground for the H-bridges.
20
OUTR-
Class-D H-bridge negative output for right channel.
23
OUTL-
Class-D H-bridge negative output for left channel.
24
PGND
Power ground for the H-bridges.
25
OUTL+
Class-D H-bridge positive output for left channel.
27, 28
VCCL
High-voltage power supply for left-channel. Right channel and left
channel power supply inputs are connect internal.
Thermal Pad
Connect to GND.


Similar Part No. - IS31AP2110

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
More results

Similar Description - IS31AP2110

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
   20W Stereo Class-D Audio Amplifier
logo
Anpec Electronics Corop...
APA3160A ANPEC-APA3160A Datasheet
1Mb / 38P
   20W Stereo Digital Class-D Audio Power Amplifier
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
   2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
logo
ON Semiconductor
NCS8353 ONSEMI-NCS8353 Datasheet
667Kb / 14P
   Stereo 20W/Ch Class D Audio Power Amplifier with Programmable Power Limit and Selectable Gain
February, 2011 ??Rev. 2
logo
Power Analog Micoelectr...
PAM8620 PAM-PAM8620 Datasheet
463Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Diodes Incorporated
PAM8620 DIODES-PAM8620 Datasheet
309Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
PAM8006A DIODES-PAM8006A Datasheet
544Kb / 13P
   15W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH POWER LIMIT
logo
Power Analog Micoelectr...
PAM8006A PAM-PAM8006A Datasheet
457Kb / 15P
   15W Stereo Class-D Audio Power Amplifier with Power Limit
logo
Monolithic Power System...
EV7722DF-00C MPS-EV7722DF-00C Datasheet
526Kb / 8P
   20W Stereo Class D Single Ended Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com