Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25WD020-JVLE Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS25WD020-JVLE
Description  2 Mbit / 4 Mbit Single Operating Voltage Serial Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25WD020-JVLE Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS25WD020-JVLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25WD020-JVLE Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IS25WD020/040
Integrated Silicon Solution, Inc.- www.issi.com
Rev. F
07/31/2013
7
REGISTERS (CONTINUED)
STATUS REGISTER
Refer to Tables 5 and 6 for Status Register Format and
Status Register Bit Definitions.
The BP0, BP1, BP2, and SRWD are volatile memory
cells that can be written by a Write Status Register
(WRSR) instruction. The default value of the BP2, BP1,
BP0 we
re set to “0” and SRWD bits was set to “0” at
factory. Once
a “0” or “1”is written, it will not be
changed by device power-up or power-down, and can
only be altered by the next WRSR instruction. The
Status Register can be read by the Read Status
Register (RDSR). Refer to Table 10 for Instruction Set.
The function of Status Register bits are described as
follows:
WIP bit: The Write In Progress (WIP) bit is read-only,
and can be used to detect the progress or completion
of a program or erase operation. When the WIP bit is
“0”, the device is ready for a write status register,
progr
am or erase operation. When the WIP bit is “1”,
the device is busy.
WEL bit: The Write Enable Latch (WEL) bit indicates
the status of the internal write enable latch. When the
WEL is “0”, the write enable latch is disabled, and all
write operations, including write status register, page
program, sector erase, block and chip erase operations
are inhibited. When the WEL bit is “1”, write operations
are allowed. The WEL bit is set by a Write Enable
(WREN) instruction. Each write register, program and
erase instruction must be preceded by a WREN
instruction. The WEL bit can be reset by a Write
Disable (WRDI) instruction. It will automatically be the
reset after the completion of a write instruction.
BP2, BP1, BP0 bits: The Block Protection (BP2, BP1,
BP0) bits are used to define the portion of the memory
area to be protected. Refer to Tables 7, 8 and 9 for the
Block Write Protection bit settings. When a defined
combination of BP2, BP1 and BP0 bits are set, the
corresponding memory area is protected. Any program
or erase operation to that area will be inhibited. Note:
a Chip Erase (CHIP_ER) instruction is executed
successfully only if all the Block Protection Bits are set
as “0”s.
SRWD bit: The Status Register Write Disable (SRWD)
bit operates in conjunction with the Write Protection
(WP#) signal to provide a Hardware Protection Mode.
When the SRWD is set to “0”, the Status Register is
not write-
protected. When the SRWD is set to “1” and
the WP# is pulled low (VIL), the volatile bits of Status
Register (SRWD, BP2, BP1, BP0) become read-only,
and a WRSR instruction will be ignored. If the SRWD is
set to “1” and WP# is pulled high (VIH), the Status
Register can be changed by a WRSR instruction.
Table 5. Status Register Format
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SRWD1
Reserved
BP2
BP1
BP0
WEL
WIP
Default (flash bit)
0
0
0
0
0
0
0


Similar Part No. - IS25WD020-JVLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25WP016 ISSI-IS25WP016 Datasheet
2Mb / 112P
   1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25WP016D-JBLA3 ISSI-IS25WP016D-JBLA3 Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLA3:P ISSI-IS25WP016D-JBLA3:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE ISSI-IS25WP016D-JBLE Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25WP016D-JBLE:P ISSI-IS25WP016D-JBLE:P Datasheet
1Mb / 114P
   SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
More results

Similar Description - IS25WD020-JVLE

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LD040 ISSI-IS25LD040 Datasheet
430Kb / 36P
   4 Mbit Single Operating Voltage Serial Flash Memory
logo
List of Unclassifed Man...
IS25CD010 ETC2-IS25CD010 Datasheet
912Kb / 40P
   512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory
logo
Integrated Silicon Solu...
IS25LQ040 ISSI-IS25LQ040 Datasheet
746Kb / 54P
   4 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25WQ080 ISSI-IS25WQ080 Datasheet
1Mb / 60P
   8 Mbit bit Single Operating Voltage Serial Flash Memory
IS25LQ080 ISSI-IS25LQ080 Datasheet
1Mb / 54P
   8 Mbit Single Operating Voltage Serial Flash Memory With 104
IS25LQ016 ISSI-IS25LQ016 Datasheet
921Kb / 52P
   16 Mbit Single Operating Voltage Serial Flash Memory With 104
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020 Datasheet
658Kb / 24P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com