Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX6A-50S-0.8SV2 Datasheet(PDF) 8 Page - Hirose Electric

Part # FX6A-50S-0.8SV2
Description  0.8mm Pitch Stacking Height 5 to 9mm Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX6A-50S-0.8SV2 Datasheet(HTML) 8 Page - Hirose Electric

  FX6A-50S-0.8SV2 Datasheet HTML 1Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 2Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 3Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 4Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 5Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 6Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 7Page - Hirose Electric FX6A-50S-0.8SV2 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A220
Part Number
CL No.
Number of Contacts
A
B
C
D
Unit: mm
FX6A-020P-0.8SV
FX6A-040P-0.8SV
FX6A-050P-0.8SV
FX6A-060P-0.8SV
FX6A-080P-0.8SV
FX6A-100P-0.8SV
576-0201-2
576-0203-8
576-0204-0
576-0205-3
576-0207-9
576-0208-1
20
40
50
60
80
100
15.8
23.8
27.8
31.8
39.8
47.8
12.9
20.9
24.9
28.9
36.9
44.9
10.7
18.7
22.7
26.7
34.7
42.7
07.2
15.2
19.2
23.2
31.2
39.2
Note:Determine a quantity of the stick package product for delivery, multiplying the insertion pieces per contact number
by an integer. Please make sure that a quantity of the stick package product for delivery is determined per reel (1000 pieces).
(Refer to the delivery form item on page A214 for details.)
sHeader-Stacking Height: Standard type
BPCB mounting pattern
Without Boss Type


Similar Part No. - FX6A-50S-0.8SV2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FX6ASJ-03 RENESAS-FX6ASJ-03 Datasheet
105Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03-T13 RENESAS-FX6ASJ-03-T13 Datasheet
105Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03-T13 RENESAS-FX6ASJ-03-T13 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX6ASJ-03 RENESAS-FX6ASJ-03_06 Datasheet
199Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX6A-50S-0.8SV2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
SUYIN USA, INC.
800216FR SUYIN-USA-800216FR Datasheet
163Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
800217MC SUYIN-USA-800217MC Datasheet
115Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com