Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC30-214162 Datasheet(PDF) 2 Page - SICK AG

Part # UC30-214162
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UC30-214162 Datasheet(HTML) 2 Page - SICK AG

  UC30-214162 Datasheet HTML 1Page - SICK AG UC30-214162 Datasheet HTML 2Page - SICK AG UC30-214162 Datasheet HTML 3Page - SICK AG UC30-214162 Datasheet HTML 4Page - SICK AG UC30-214162 Datasheet HTML 5Page - SICK AG UC30-214162 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UC30-214162 | UC30
ULTRASONIC SENSORS
Ordering information
Type
Part no.
UC30-214162
6054711
Other models and accessories
www.sick.com/UC30
Detailed technical data
Performance
Working range, limiting range
350 mm ... 3,400 mm, 5,000 mm
Resolution
≥ 0.18 mm
Repeatability
± 0.15 % 1)
Accuracy
± 1 % 1) 2)
Temperature compensation
Response time
180 ms
Switching frequency
4 Hz
Output time
43 ms
Ultrasonic frequency (typical)
120 kHz
Detection area (typical)
See diagrams
Additional function
Set switching mode: Distance to object (DtO) / switching window (Wnd) / Object Between Sen-
sor and Background (ObSB), teach-in of switching output, set levels of switching outputs, In-
vertable switching output, set on delay switching output, temperature compensation, synchro-
nization of up to 10 sensors, multiplexing: no cross talk of up to 10 sensors, set measurement
filters: value filter, filter strength, adjustable sensitivity, foreground suppression and detection
area, reset to factory default 3)
1) Referring to current measurement value.
2) Temperature compensation can be switched off, without temperature compensation: 0.17 % / K.
3) Functions may vary depending on sensor type.
Interfaces
Switching output
2 x PNP (200 mA) 1) 2)
Multifunctional input (MF)
1 x MF
Hysteresis
50 mm
1) Output Q short-circuit protected.
2) PNP: HIGH = VS - (< 2 V) / LOW = 0 V.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - UC30-214162

ManufacturerPart #DatasheetDescription
logo
SICK AG
UC30-214163 SICK-UC30-214163 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
UC30-214164 SICK-UC30-214164 Datasheet
672Kb / 6P
   ULTRASONIC SENSORS
UC30-21416A SICK-UC30-21416A Datasheet
674Kb / 6P
   ULTRASONIC SENSORS
More results

Similar Description - UC30-214162

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com