Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC4-11345 Datasheet(PDF) 5 Page - SICK AG

Part # UC4-11345
Description  ULTRASONIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UC4-11345 Datasheet(HTML) 5 Page - SICK AG

  UC4-11345 Datasheet HTML 1Page - SICK AG UC4-11345 Datasheet HTML 2Page - SICK AG UC4-11345 Datasheet HTML 3Page - SICK AG UC4-11345 Datasheet HTML 4Page - SICK AG UC4-11345 Datasheet HTML 5Page - SICK AG UC4-11345 Datasheet HTML 6Page - SICK AG UC4-11345 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UC4-11345 | UC4
ULTRASONIC SENSORS
Detection area
UC4-11
0
40
(1.57)
80
(3.15)
120
(4.72)
160
(6.30)
Detection area in mm (inch)
40
(1.57)
60
(2.36)
60
(2.36)
40
(1.57)
20
(0.79)
20
(0.79)
0
Detection area in mm (inch)
5
3
2
4
1
①  Sensing range dependent on reflection properties, size and orientation of the object
②  Limiting range
③  Working range
④  Example object: aligned plate 100 mm x 100 mm
⑤  Example object: pipe with 10 mm diameter
Recommended accessories
Other models and accessories
www.sick.com/UC4
Brief description
Type
Part no.
Universal bar clamp systems
Plate H for universal clamp bracket, steel, zinc coated, universal clamp and mounting
hardware included
BEF-KHS-H01
2022465
Mounting brackets and mounting plates
Mounting bracket for wall mounting, Stainless steel 1.4571, mounting hardware includ-
ed
BEF-W4-A
2051628
Terminal and alignment brackets
Ball clamp bracket, plastic, mounting hardware included
BEF-GH-MINI02
2027128
Plug connectors and cables
Head A: female connector, M8, 3-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0803-G02M
6010785
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5


Similar Part No. - UC4-11345

ManufacturerPart #DatasheetDescription
logo
SICK AG
UC4-11341 SICK-UC4-11341 Datasheet
987Kb / 7P
   ULTRASONIC SENSORS
More results

Similar Description - UC4-11345

ManufacturerPart #DatasheetDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com