Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1061CIN Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1061CIN
Description  10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1061CIN Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC1061CIN Datasheet HTML 2Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 3Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 4Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 5Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 6Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 7Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 8Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 9Page - National Semiconductor (TI) ADC1061CIN Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Performance Characteristics
Functional Description
The ADC1061 digitizes an analog input signal to 10 bits ac-
curacy by performing two lower-resolution “flash” conver-
sions. The first flash conversion provides the six most signifi-
cant bits (MSBs) of data, and the second flash conversion
provides the four least significant bits (LSBs).
Figure 3 is a simplified block diagram of the converter. Near
the center of the diagram is a string of resistors. At the bot-
tom of the string of resistors are 16 resistors, each of which
has a value 1/1024th the resistance of the whole resistor
string. These lower 16 resistors (the LSB Ladder) therefore
have a voltage drop of 16/1024, or 1/64th of the total refer-
ence voltage (V
REF+ − VREF−) across them. The remainder
of the resistor string is made up of eight groups of eight resis-
tors connected in series. These comprise the MSB Ladder.
Each section of the MSB Ladder has 1/8th of the total refer-
ence voltage across it, and each of the MSB resistors has
1/64th of the total reference voltage across it. Tap points
across all of these resistors can be connected, in groups, to
the sixteen comparators at the right of the diagram.
On the left side of the diagram is a string of seven resistors
connected between V
REF+ −VREF−. Six comparators com-
pare the input voltage with the tap voltages on the resistor
string to provide an estimate of the input voltage. This esti-
mate is then used to control the multiplexer that connects the
MSB Ladder to the sixteen comparators on the right. Note
that the comparators on the left needn’t be very accurate;
they simply provide an estimate of the input voltage. Only the
sixteen comparators on the right and the six on the left are
necessary to perform the initial six-bit flash conversion, in-
stead of the 64 comparators that would be required using
conventional half-flash methods.
To perform a conversion, the estimator compares the input
voltage with the tap voltages on the seven resistors on the
left. The estimator decoder then determines which MSB Lad-
der tap points will be connected to the sixteen comparators
on the right. For example, assume that the estimator deter-
mines that V
IN is between 11/16 and 13/16 of VREF. The es-
timator decoder will instruct the comparator mux to connect
the 16 comparators to the taps on the MSB Ladder between
10/16 and 14/16 of VREF. The 16 comparators will then per-
form the first flash conversion. Note that since the compara-
tors are connected to Ladder voltages that extend beyond
the range indicated by the estimator circuit, errors in the es-
timator as large as 1/16 of the reference voltage (64 LSBs)
will be corrected. This first flash conversion produces the six
most significant bits of data.
Zero (Offset) Error
vs Reference Voltage
DS010559-9
Linearity Error vs
Reference Voltage
DS010559-10
Mode 1 Conversion Time
vs Temperature
DS010559-11
Mode 2 Conversion Time
vs Temperature
DS010559-12
www.national.com
6


Similar Part No. - ADC1061CIN

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC106 MPSIND-ADC106 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662 Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Similar Description - ADC1061CIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com