Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD400-7211 Datasheet(PDF) 2 Page - SICK AG

Part # ISD400-7211
Description  OPTICAL DATA TRANSMISSION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ISD400-7211 Datasheet(HTML) 2 Page - SICK AG

  ISD400-7211 Datasheet HTML 1Page - SICK AG ISD400-7211 Datasheet HTML 2Page - SICK AG ISD400-7211 Datasheet HTML 3Page - SICK AG ISD400-7211 Datasheet HTML 4Page - SICK AG ISD400-7211 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
ISD400-7211 | ISD400
OPTICAL DATA TRANSMISSION
Ordering information
Type
Part no.
ISD400-7211
1065100
Other models and accessories
www.sick.com/ISD400
Detailed technical data
Performance
Transmission range
0.2 m ... 150 m
Light source
Laser, red (660 nm)
Laser, infrared (785 nm)
Laser class
1M
Typ. light spot size (distance)
1.75 m (at 100 m)
Aperture angle
1° (sender)
1.5° (receiver)
Interfaces
Data transmission rate
100 Mbit/s
Switching output
HIGH: Uv – 3 V, LOW: < 2 V
Data interface
Ethernet
Switching input
Vs: sender deactivated
Mechanics/electronics
Supply voltage Vs
DC 18 V ... 30 V
Power consumption
≤ 3.6 W 1)
Housing material
AlSi12
Connection type
1 x Ethernet female connector M12, 4-pin, D-coded
1 x power supply male connector M12, 4-pin, A-coded
Weight
Approx. 800 g
Frequency
F1
1) Without load.
Ambient data
Enclosure rating
IP 65
Protection class
III
Electromagnetic compatibility (EMC)
EN 61000-6-2 / EN 61000-6-4 1)
Ambient temperature operation
–20 °C ... +55 °C
Storage temperature
–40 °C ... +75 °C
Max. rel. humidity (not condensing)
90 %, Non-condensing
1) This is a Class A device. This device can cause radio interference in living quarters.
2
DISTANCE SENSORS | SICK
Online data sheet | 2016-05-02 22:08:07
Subject to change without notice


Similar Part No. - ISD400-7211

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD400-7212 SICK-ISD400-7212 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
More results

Similar Description - ISD400-7211

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6121 SICK-ISD400-6121 Datasheet
573Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD400-7212 SICK-ISD400-7212 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1311 SICK-ISD300-1311 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-6211 SICK-ISD300-6211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1112 SICK-ISD300-1112 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com