Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX8C-100S-SV5 Datasheet(PDF) 9 Page - Hirose Electric

Part # FX8C-100S-SV5
Description  0.6mm Pitch Stacking Height 3mm to 16mm Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX8C-100S-SV5 Datasheet(HTML) 9 Page - Hirose Electric

Back Button FX8C-100S-SV5 Datasheet HTML 3Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 4Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 5Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 6Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 7Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 8Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 9Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 10Page - Hirose Electric FX8C-100S-SV5 Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
A244
BConnector Precautions
1. Tolerance Clearance on Mating Side
The effective contact length of the product is set to 2.0mm. Please use the product
so as to set to less than 12mm the clearance between the header and the receptacle in the mating process..
2. Fixation Between Mounting Boards
If this product is fixed only by mating force, Please consider the fixing method so as not to apply loads such as vibration, shock and so
on.
3. Stacking General Tolerance in Mating
Note: Please Note that the above tolerance of the stacking height doesn't include the solder paste thickness.
4. Handling Two-piece Connection Product
Both joint bar edges of the two-piece connection product are fixed by joints, while the mating process can't be performed in that state.
Before the mating process, please remove the joint bars as if pull it up. (Don't remove the joint bars before mounting on the board. )
5. Mounting Temperature Profile (Reference)
6. Cautions
This product is made as the thin formed product in order to be miniaturized.
Applicable Conditions
Reflow system
:IR reflow
Solder
:Paste type 63 Sn/37 Pb
(Flux content 11 wt%)
Test board
:Glass epoxy 161mm x 100mm x 1.6 mm
Metal mask thickness
:0.15 mm
Recommended temperature profile.
The temperature may be slightly changed according to the solder
paste type and amount.
Before removing joint bar
After removing joint bar
Stack
Amm
A
mm
+0.3
–0.2


Similar Part No. - FX8C-100S-SV5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-100/100P11-SV1J HIROSE-FX8-100/100P11-SV1J Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100P11-SVJ HIROSE-FX8-100/100P11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100/100S11-SVJ HIROSE-FX8-100/100S11-SVJ Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV HIROSE-FX8-100P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-100P-SV1 HIROSE-FX8-100P-SV1 Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
More results

Similar Description - FX8C-100S-SV5

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
BM50 HIROSE-BM50 Datasheet
384Kb / 11P
   0.35mm Pitch, 0.6mm Stacking Height, 15A Rated Current, Power/Signal Hybrid FPC-to-Board Connector
Mar. 2022
FX6-20P-0.8SV HIROSE-FX6-20P-0.8SV Datasheet
415Kb / 8P
   0.8mm Pitch Stacking Height 5 to 9mm Connector
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
logo
DDK Ltd.
DFW-PAV20-98-3A DDK-DFW-PAV20-98-3A Datasheet
280Kb / 3P
   0.6mm Pitch Floating Connector
logo
Everlight Electronics C...
Y2C-FN1P1VZ EVERLIGHT-Y2C-FN1P1VZ Datasheet
161Kb / 10P
   Chip LED (0.6mm Height)
BHW-ZMNQY EVERLIGHT-BHW-ZMNQY Datasheet
217Kb / 10P
   Chip LED (0.6mm Height)
R6C-AM2P1VY EVERLIGHT-R6C-AM2P1VY Datasheet
222Kb / 10P
   Chip LED(0.6mm Height)
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com