Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD300-1211 Datasheet(PDF) 3 Page - SICK AG

Part # ISD300-1211
Description  OPTICAL DATA TRANSMISSION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

ISD300-1211 Datasheet(HTML) 3 Page - SICK AG

  ISD300-1211 Datasheet HTML 1Page - SICK AG ISD300-1211 Datasheet HTML 2Page - SICK AG ISD300-1211 Datasheet HTML 3Page - SICK AG ISD300-1211 Datasheet HTML 4Page - SICK AG ISD300-1211 Datasheet HTML 5Page - SICK AG ISD300-1211 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISD300-1211 | ISD300
OPTICAL DATA TRANSMISSION
Ambient temperature operation
–5 °C ... +50 °C
Max. rel. humidity (not condensing)
90 %, Non-condensing
1) This is a Class A device. This device can cause radio interference in living quarters.
Dimensional drawing (Dimensions in mm (inch))
ISD300 RS-485/PROFIBUS, ISD300 RS-422/Interbus, ISD300 DH+/RIO, ISD300 DeviceNet/CANopen
max. 120 (4.72)
10
(0.39)
43
(1.69)
10
(0.39)
28
(1.10)
58 (2.28)
86 (3.39)
89.25 (3.51)
1
2
3
5
4
①  M16 gland
②  Control panel
③  Sender lens
④  Center of optical axis
⑤  Receiver lens
Connection type
ISD300 RS-485/PROFIBUS
COM A
COM A’
B
COM –
COM –’
+
WARN
Vin
PE
IN
Vin
PE
OUT/
+’
B’
GND
GND
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3


Similar Part No. - ISD300-1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD300-1212 SICK-ISD300-1212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results

Similar Description - ISD300-1211

ManufacturerPart #DatasheetDescription
logo
SICK AG
ISD300-1111 SICK-ISD300-1111 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6111 SICK-ISD400-6111 Datasheet
572Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD300-6212 SICK-ISD300-6212 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7222 SICK-ISD400-7222 Datasheet
509Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-7312 SICK-ISD400-7312 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-5211 SICK-ISD300-5211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD400-6121 SICK-ISD400-6121 Datasheet
573Kb / 5P
   OPTICAL DATA TRANSMISSION
ISD400-7212 SICK-ISD400-7212 Datasheet
508Kb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1311 SICK-ISD300-1311 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-6211 SICK-ISD300-6211 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
ISD300-1112 SICK-ISD300-1112 Datasheet
1Mb / 6P
   OPTICAL DATA TRANSMISSION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com