Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS43DR16320D Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS43DR16320D
Description  Differential data strobe
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43DR16320D Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS43DR16320D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS43DR16320D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
3
Rev. A
4/21/2014
IS43/46DR86400D, IS43/46DR16320D
Symbol
Type
Function
CK, CK
Input
Clock: CK and CK are differential clock inputs. All address and control input signals
are sampled on the crossing of the positive edge of CK and negative edge of CK.
Output (read) data is referenced to the crossings of CK and CK (both directions of
crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates, internal clock signals
and device input buffers and output drivers. Taking CKE LOW provides Precharge
Power-Down and Self Refresh operation (all banks idle), or Active Power-Down (row
Active in any bank). CKE is synchronous for power down entry and exit, and for self
refresh entry. CKE is asynchronous for self refresh exit. After VREF has become
stable during the power on and initialization sequence, it must be maintained for
proper operation of the CKE receiver. For proper self-refresh entry and exit, VREF
must be maintained to this input. CKE must be maintained HIGH throughout read and
write accesses. Input buffers, excluding CK, CK, ODT and CKE are disabled during
power-down. Input buffers, excluding CKE, are disabled during self refresh.
CS
Input
Chip Select: All commands are masked when CS is registered HIGH. CS provides for
external Rank selection on systems with multiple Ranks. CS is considered part of the
command code.
ODT
Input
On Die Termination: ODT (registered HIGH) enables termination resistance internal
to the DDR2 SDRAM. When enabled, ODT is applied to each DQ, DQS, DQS, DM
signals. The ODT pin will be ignored if the EMR(1) is programmed to disable ODT.
RAS
, CAS, WE
Input
Command Inputs: RAS, CAS and WE (along with CS) define the command being
entered.
DM (x8) or
UDM, LDM (x16)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked
when DM is sampled HIGH coincident with that input data during a Write access. DM
is sampled on both edges of DQS. Although DM pins are input only, the DM loading
matches the DQ and DQS loading. For x8, the function of DM is enabled by EMRS
command to EMR(1) [A11].
BA0 - BA1
Input
Bank Address Inputs: BA0 - BA1 define to which bank an Active, Read, Write or
Precharge command is being applied. Bank address also determines if the mode
register or one of the extended mode registers is to be accessed during a MRS or
EMRS command cycle.
A0 - A13
Input
Address Inputs: Provide the row address for Active commands and the column
address and Auto Precharge bit for Read/Write commands to select one location
out of the memory array in the respective bank. A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH). If only one bank is to be precharged, the bank is selected by BA0 -
BA1. The address inputs also provide the op-code during MRS or EMRS commands.
PIN DESCRIPTION TABLE


Similar Part No. - IS43DR16320D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR16320 ISSI-IS43DR16320 Datasheet
867Kb / 29P
   Clock frequency up to 400MHz
IS43DR16320B-25DBI ISSI-IS43DR16320B-25DBI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-25DBL ISSI-IS43DR16320B-25DBL Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-25DBLI ISSI-IS43DR16320B-25DBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR16320B-25EBL ISSI-IS43DR16320B-25EBL Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
More results

Similar Description - IS43DR16320D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
   Bidirectional differential data strobe
logo
Micron Technology
MT41J128M16HA-125 MICRON-MT41J128M16HA-125 Datasheet
2Mb / 206P
   Differential bidirectional data strobe
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com