Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT16C-1P-DS Datasheet(PDF) 5 Page - Hirose Electric

Part # GT16C-1P-DS
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT16C-1P-DS Datasheet(HTML) 5 Page - Hirose Electric

  GT16C-1P-DS Datasheet HTML 1Page - Hirose Electric GT16C-1P-DS Datasheet HTML 2Page - Hirose Electric GT16C-1P-DS Datasheet HTML 3Page - Hirose Electric GT16C-1P-DS Datasheet HTML 4Page - Hirose Electric GT16C-1P-DS Datasheet HTML 5Page - Hirose Electric GT16C-1P-DS Datasheet HTML 6Page - Hirose Electric GT16C-1P-DS Datasheet HTML 7Page - Hirose Electric GT16C-1P-DS Datasheet HTML 8Page - Hirose Electric GT16C-1P-DS Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
8.1
16.6
25.5
13.5
9.5
(30)
(4.5)
GT16 -1S -HU
5
8
Pick-and-place
surface area
0.7
18
10
9.5
11.5
15.5
2.8
1.2
7
( 4.5 )
( 22.5 )
GT16-1S-HU
After Market
Outer terminals
Housing
Printed Circuit Board Type (SMT Type)
GT16-/1.6-2.9PC
GT16-/0.7-1.5PC
766-0008-1
766-0016-0
Phosphor bronze
Phosphor bronze
Tin plating
Tin plating
1
1
Part Number
CL No.
Applicable Cable
Material
Finish
Packaging
1.5D-2V or equivalent
0.8D-2V or equivalent
BFully mated connector
assemblies
GT16-1P-HU
766-0009-4
PBT
Light gray
1
Part Number
CL No.
Material
Finish
Packaging
BRecommended Reflow Temperature Profile
BRecommended Board Mounting Pattern
BFully mated connector assemblies
GT16-1P-H
766-0005-3
PPS(Housing)
Color: Light gray
1
Part Number
CL No.
Material
Finish
Packaging
Phosphor bronze (Terminal)
Tin plating
Phosphor bronze (Terminal)
Tin plating
PPS (Insulator)
Color: Natural
Phosphor bronze (Shield plate)
Tin plating
Brass (Metal fitting)
Tin plating


Similar Part No. - GT16C-1P-DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT16 ETC2-GT16 Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
logo
Hirose Electric
GT16 HIROSE-GT16 Datasheet
1Mb / 22P
   Compact and light comparing to HRS GT5 series.
logo
List of Unclassifed Man...
GT16S ETC2-GT16S Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
More results

Similar Description - GT16C-1P-DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10A-2022SCF HIROSE-GT10A-2022SCF Datasheet
409Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT11-2S-5.2C HIROSE-GT11-2S-5.2C Datasheet
416Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT1-1S-2428 HIROSE-GT1-1S-2428 Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-1S-HU HIROSE-GT5-1S-HU Datasheet
659Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com