Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD-0155M3-IH Datasheet(PDF) 9 Page - Hirose Electric

Part # HD-0155M3-IH
Description  3 dB 90째 Card Couplers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HD-0155M3-IH Datasheet(HTML) 9 Page - Hirose Electric

  HD-0155M3-IH Datasheet HTML 1Page - Hirose Electric HD-0155M3-IH Datasheet HTML 2Page - Hirose Electric HD-0155M3-IH Datasheet HTML 3Page - Hirose Electric HD-0155M3-IH Datasheet HTML 4Page - Hirose Electric HD-0155M3-IH Datasheet HTML 5Page - Hirose Electric HD-0155M3-IH Datasheet HTML 6Page - Hirose Electric HD-0155M3-IH Datasheet HTML 7Page - Hirose Electric HD-0155M3-IH Datasheet HTML 8Page - Hirose Electric HD-0155M3-IH Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
35
For VE Items (in which Aluminum Is Used Above and Below the Ground Board and the
Eyelets Protrude Beyond the Cover)
The height of the cover will be a value 0.1 mm less than one half of the overall thickness.
For Directional Card Couplers
(HD-0900M (10 dB) and HD-0900M (20 dB),etc.)
The height of the cover will be a value 0.35 mm less than one half of the overall thickness.
(When Spacing H of the Micro Stripline Board and the Tabs is 0 H 0.3 mm)
Fix the card coupler with fastening screws as illustrated in Figure 2.
Next, solder the tabs and micro stripline, then use.
(When Spacing H of the Micro Stripline Board and the Tabs is H < 0)
Insert a metal plate or a conductive spacer between the coupler and ground, then mount as
illustrated in Figure 3 so that the surface of the tabs and the position of the microstrip board are
equal. Fix the card coupler with fastening screws as illustrated in Figure 3. Next, solder the tabs
and micro stripline, then use.
(When Spacing H of the Micro Stripline Board and the Tabs is H > 0.3 mm)
Cut the ground at the position of the coupler and attach so that the surface of the tabs is in
contact with the micro stripline. Fix the card coupler with fastening screws as illustrated in Figure
4. Next, solder the tabs and micro stripline, then use.
At the time of soldering, solder with a space of 1 mm from the edge of the micro
stripline as illustrated in Figure 5.
Figure 5.
Micro stripline board
Soldering portion


Similar Part No. - HD-0155M3-IH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HD-02103AST HIROSE-HD-02103AST Datasheet
60Kb / 3P
   Stick Coupler
More results

Similar Description - HD-0155M3-IH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
1F1304-3 ANAREN-1F1304-3 Datasheet
167Kb / 2P
   Hybrid Couplers 3 dB, 90째
1P503S ANAREN-1P503S Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11302-3 ANAREN-11302-3 Datasheet
360Kb / 3P
   Hybrid Couplers 3 dB, 90째
11304-3S ANAREN-11304-3S Datasheet
163Kb / 2P
   Hybrid Couplers 3 dB, 90째
JP503 ANAREN-JP503 Datasheet
146Kb / 4P
   Hybrid Couplers 3 dB, 90째
JP503S ANAREN-JP503S Datasheet
357Kb / 3P
   Hybrid Couplers 3 dB, 90째
1P503 ANAREN-1P503 Datasheet
140Kb / 4P
   Hybrid Couplers 3 dB, 90째
11304-3 ANAREN-11304-3 Datasheet
159Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3S ANAREN-11305-3S Datasheet
296Kb / 2P
   Hybrid Couplers 3 dB, 90째
11305-3 ANAREN-11305-3 Datasheet
337Kb / 2P
   Hybrid Couplers 3 dB, 90째
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com