Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSC5024A Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NSC5024A
Description  Standard Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NSC5024A Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NSC5024A Datasheet HTML 1Page - NIHON DEMPA KOGYO NSC5024A Datasheet HTML 2Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Crystal Clock Oscillator
1510A_NZ2016SH_e
Absolute maximum rating
Supply Voltage (VCC) –0.3 to +4.0 V
Storage Temperature Range –55 to +125 °C
NZ2016SH
Standard Type
For Automotive navigation system, Automotive audio equipment and Camera
For Smartphone, Tablet computers, Notebook PC, PC card, etc.
For Audioequipment and Wireless module
For Communication equipment for SDH/SONET, WiMAX, LTE, etc. and Base station
Application
Specifications
● Supports a wide temperature range from –40 to +125°C.
● Ultra compact and light. Dimensions : 2.0 x 1.6 x 0.7 mm, weight : 0.01 g.
● This crystal clock oscillator can support low frequencies (from 1.5MHz) not easily
achieved with crystal units of the same size.
● Taped units enable automatic mounting IR Reflow (lead free) is possible.
● Lead-free.
● Conforms to AEC-Q200.
Features
mm
mm
2.0±0.1
1.3±0.1
0.675±0.1
#1
#2
#3
#4
C0.20
Mount an approx. 0.01 F bypass capacitor between VCC and GND
(close to the product)
Terminal land connections
#1
#2
#3
#4
STAND-BY
GND
OUTPUT
VCC
Land pattern (Typical)
1.3
0.8
#4
#3
#2
#1
Cby=0.01F
Dimensions
0.9VCC
1/2VCC
0.1VCC
Tr
Tf
VOH
VOL
t
T
0V
Symmetry = t/T × 100
[%]
Output Waveform <CMOS>
#1 Input
#3 Output
Level H (0.7 VCC ≤ VIH ≤ VCC)
or OPEN is selected.
Oscillation output ON
Level L (VIL ≤ 0.3 VCC) is selected.
High impedance
Standby Function
Item
Model
NZ2016SH
Output Level
CMOS
Nominal Frequency Range
(MHz)
1.5 to 80
Overall Frequency Tolerance
(×10–6)
±100
±50
±30
±20
Operating Temperature Range
(°C)
–40 to +125
–40 to +105
–10 to +70
–10 to +60
Supply Voltage
(V)
+1.8 to +3.3
Current
Consumption
Max.
During Operation +25 °C
(mA)
2.5 to 9.0
During Standby
+25 °C
(μA)
20
VOL Max. / VOH Min.
(V)
0.1 VCC / 0.9 VCC
Tr Max. / Tf Max.
+1.8 V
(ns)
6 / 6 ( at 0.1 VCC to 0.9 VCC )
+2.5 to +3.3V
5 / 5 ( at 0.1 VCC to 0.9 VCC )
Symmetry Min. to Max.
(%)
45 to 55
Load (CL) Max.
(pF)
15
Start-up Time Max.
(ms)
4
Standby function
Available (Three-state)


Similar Part No. - NSC5024A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NSC5024A NDK-NSC5024A Datasheet
854Kb / 2P
   Standard Type
More results

Similar Description - NSC5024A

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NZ3225SH NDK-NZ3225SH Datasheet
736Kb / 2P
   Standard Type
NZ3225SH NDK-NZ3225SH_18 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1275 DBLECTRO-MT1275 Datasheet
147Kb / 1P
   Standard Type
MT1612 DBLECTRO-MT1612 Datasheet
171Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU038-1210C4 CITIZEN-CLU038-1210C4_18 Datasheet
642Kb / 15P
   Standard Type
CLU048-1211C4 CITIZEN-CLU048-1211C4_18 Datasheet
711Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ3225SH_18 NDK-NZ3225SH_18_03 Datasheet
828Kb / 2P
   Standard Type
logo
DB Lectro Inc
MT1622 DBLECTRO-MT1622 Datasheet
139Kb / 1P
   Standard Type
logo
CITIZEN ELECTRONICS CO....
CLU028-1203C4 CITIZEN-CLU028-1203C4_18 Datasheet
625Kb / 15P
   Standard Type
CLU048-1216C4 CITIZEN-CLU048-1216C4 Datasheet
649Kb / 15P
   Standard Type
logo
NIHON DEMPA KOGYO
NZ2520SH NDK-NZ2520SH_18 Datasheet
882Kb / 2P
   Standard Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com