Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT11-2P-HU Datasheet(PDF) 9 Page - Hirose Electric

Part # GT11-2P-HU
Description  Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT11-2P-HU Datasheet(HTML) 9 Page - Hirose Electric

Back Button GT11-2P-HU Datasheet HTML 2Page - Hirose Electric GT11-2P-HU Datasheet HTML 3Page - Hirose Electric GT11-2P-HU Datasheet HTML 4Page - Hirose Electric GT11-2P-HU Datasheet HTML 5Page - Hirose Electric GT11-2P-HU Datasheet HTML 6Page - Hirose Electric GT11-2P-HU Datasheet HTML 7Page - Hirose Electric GT11-2P-HU Datasheet HTML 8Page - Hirose Electric GT11-2P-HU Datasheet HTML 9Page - Hirose Electric GT11-2P-HU Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
BTermination Tools
Item
Capacity
Stroke
Number of strokes
Weight
Motor
Crimping speed
Specification
1.5tons
30mm
200spm (50Hz)
75kg
0.2kW
2000 to 4000 pcs. per day
Remarks
200spm (60Hz)
AC100V
Specifications
User's manuals are available. Please ask your Hirose Electric account representative.
Main Unit
Accessory (Electrical Box)
Part Number CM-105
Part Number CT11-CT/AD
* Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
Part Number CT11-ST/AD
Mounting Dimensions
Weight
Power supply
Air pressure
Task time
Capacity
Approximately 400 W x 500 D x 300 H
Approximately 40 kg
AC100V (50/60Hz)
5-6Kgf/cm
Approximately 14 seconds
Remarks
Approximately 300 W x 250 D x 200 H
Approximately 5 kg
Specifications
Main Unit
Accessory (Electrical Box)
Mounting Dimensions
Weight
Power supply
Air pressure
Specification
Approximately 300 W x 400 D x 300 H
Approximately 25 kg
AC100V (50/60Hz)
5-6Kgf/cm
Remarks
Approximately 300 W x 250 D x 200 H
Approximately 5 kg
Specifications
Cable-Forming Strip Jig (for 2-conductor cable)
Automatic Crimping Machine (for 2-conductor and 8-conductor cable)
Cable-Forming Strip Jig (for 2-conductor cable)
85


Similar Part No. - GT11-2P-HU

ManufacturerPart #DatasheetDescription
logo
NEC
GT110B NEC-GT110B Datasheet
380Kb / 2P
   The value server for SMB
GT110D NEC-GT110D Datasheet
904Kb / 2P
   The ideal first server
GT110D-S NEC-GT110D-S Datasheet
921Kb / 2P
   Ultra compact server
logo
ITT Industries
GT11MABE ITT-GT11MABE Datasheet
565Kb / 5P
   Sealed Ultraminiature Toggle Switches
logo
C&K Components
GT11MABE CK-COMPONENTS-GT11MABE Datasheet
410Kb / 5P
   Sealed Ultraminiature Toggle Switches
More results

Similar Description - GT11-2P-HU

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT10A-2022SCF HIROSE-GT10A-2022SCF Datasheet
409Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT16-2428SCF HIROSE-GT16-2428SCF Datasheet
224Kb / 9P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT1-1S-2428 HIROSE-GT1-1S-2428 Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT14-1.3PT HIROSE-GT14-1.3PT Datasheet
121Kb / 6P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT5-1S-HU HIROSE-GT5-1S-HU Datasheet
659Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
logo
List of Unclassifed Man...
URM76NH ETC2-URM76NH Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70NH ETC2-URM70NH Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM7600100 ETC2-URM7600100 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
URM70 ETC2-URM70 Datasheet
48Kb / 2P
   Coaxial communication cable based on BS2316
URM43 ETC2-URM43 Datasheet
49Kb / 2P
   Coaxial communication cable based on BS2316
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com