Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF11-16DP-2R26 Datasheet(PDF) 8 Page - Hirose Electric

Part # DF11-16DP-2R26
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-16DP-2R26 Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF11-16DP-2R26 Datasheet HTML 4Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 5Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 6Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 7Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 8Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 9Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 10Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 11Page - Hirose Electric DF11-16DP-2R26 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
A273
Note1: Please order the tube packaging product by mutiplying a tube quantity( pcs.).
Note2: The 40 contacts connector is merchandized in combination with the SMT product.
Unit: mm
Part Number
CL No.
DF11G- 4DP-2V(**)
DF11G- 6DP-2V(**)
DF11G- 8DP-2V(**)
DF11G-10DP-2V(**)
DF11G-12DP-2V(**)
DF11G-14DP-2V(**)
DF11G-16DP-2V(**)
DF11G-18DP-2V(**)
DF11G-20DP-2V(**)
DF11G-22DP-2V(**)
DF11G-24DP-2V(**)
DF11G-26DP-2V(**)
DF11G-28DP-2V(**)
DF11G-30DP-2V(**)
DF11G-32DP-2V(**)
DF11G-40DP-2V(**)
543-0810-0-**
543-0811-2-**
543-0812-5-**
543-0813-8-**
543-0814-0-**
543-0815-3-**
543-0816-6-**
543-0817-9-**
543-0818-1-**
543-0819-4-**
543-0820-3-**
543-0821-6-**
543-0822-9-**
543-0823-1-**
543-0824-4-**
543-0825-7-**
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
40
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
38.0
8.5
10.5
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
28.5
30.5
32.5
34.5
36.5
44.5
Number of Contacts
A
B
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
40.0
C
8.7
10.7
12.7
14.7
16.7
18.7
20.7
22.7
24.7
26.7
28.7
30.7
32.7
34.7
36.7
44.7
D
41pcs.
35
30
27
24
22
20
18
17
16
15
14
13
12
12
10
Tube Package Quantity
BPCB mounting pattern
BTube Size
[Specific No.] –* *, (* *)
(20) :Tin plated tube package product
(50) :Gold plated tube package product
Note:If the pattern is included in the shaded area and
not treated with resist, it could contact to the
connector contact .
P=2
0.65
B
1.5
1.6
1.5
1.6
1
C
No.2
No.1
A
A
Ø0.5
sStraight Pin Header (SMT)


Similar Part No. - DF11-16DP-2R26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-16DP-2DS ETC2-DF11-16DP-2DS Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-16DP-2DSA HIROSE-DF11-16DP-2DSA Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA HIROSE-DF11-16DP-2DSA Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-16DP-2DSA ETC2-DF11-16DP-2DSA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF11-16DP-2R26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com