Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRS20I40A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CRS20I40A
Description  Schottky Barrier Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRS20I40A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CRS20I40A Datasheet HTML 1Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 2Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 3Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 4Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 5Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 6Page - Toshiba Semiconductor CRS20I40A Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CRS20I40A
1
Schottky Barrier Diode
CRS20I40A
CRS20I40A
CRS20I40A
CRS20I40A
Start of commercial production
2010-10
1.
1.
1.
1. Applications
Applications
Applications
Applications
Secondary Rectification in Switching Regulators
Reverse-Current Protection in Mobile Devices
2.
2.
2.
2. Features
Features
Features
Features
(1)
Peak forward voltage: VFM = 0.6 V (max) @IFM = 2 A
(2)
Average forward current: IF(AV) = 2 A
(3)
Repetitive peak reverse voltage: VRRM = 40 V
(4)
Small, thin package suitable for high-density board assembly
Toshiba Nickname: S-FLATTM
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
3-2A1S
1: Anode
2: Cathode
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Repetitive peak reverse voltage
Average forward current
Non-repetitive peak forward surge current
Junction temperature
Storage temperature
Symbol
VRRM
IF(AV)
IFSM
Tj
Tstg
Note
(Note 1)
(Note 2)
Rating
40
2
20
150
-55 to 150
Unit
V
A
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: T= 106 , square wave (α = 180°), VR = 20 V
Note 2: f = 50 Hz, half-sine wave
2014-03-28
Rev.1.0


Similar Part No. - CRS20I40A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS20I40B TOSHIBA-CRS20I40B Datasheet
290Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - CRS20I40A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com