Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX2520SA Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # NX2520SA
Description  For OA / AV Mobile Communications/ Short-range Wireless
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

NX2520SA Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  NX2520SA_15 Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal Units
- 11 -
110916_NX2520SA_e
NX2520SA For OA / AV Mobile Communications/ Short-range Wireless
Ideal for such as bluetooth, Wifi, smartphone and tablet pc.
●Compact and thin. (2.5 × 2.0 × 0.50 mm typ.)
●Excellent environmental characteristics, including heat and shock resistance.
●Lead-free. Meets the requirements for re-flow profiling using lead-free solder.
Features
Item
Model
NX2520SA
Nominal Frequency
16 to 80 MHz
16 to 54 MHz
Overtone Order
Fundamental
Frequency Tolerance (25 ±3 °C)
±15 × 10−6
±10 × 10–6
Frequency versus Temperature Characteristics (with reference to +25 °C)
±25 × 10−6
±10 × 10–6
Operating Temperature Range
−40 to +85 °C
–20 to +75 °C
Storage Temperature Range
−40 to +85 °C
Equivalent Series Resistance
Refer to *1
Level of Drive
10 μW (Max. 200 μW)
10 μW (Max. 100 μW)
Load Capacitance
8 pF
Specifications Number
STD-CSW-5
STD-CSX-1
Specifications
*#2 and #4 are connected with a cover.
(Please connect with a GND.)
#4
#1
#3
#2
2.5±0.1
#1
#2
#4
#3
1.7
0.8
1.7
1.2
mm
Land pattern (Typical)
Terminal land connections
(TOP VIEW)
Dimensions
*1 Equivalent Series Resistance
Nominal frequency
(MHz)
Equivalent Series
Resistance max. [Ω]
16 to 20
80
20 to 30
60
30 to 35
50
35 to 80
40
Please specify the model name, frequency, and specification number when you order products.
For further questions regarding specifications, please feel free to contact us.


Similar Part No. - NX2520SA_15

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2520SA-19 NDK-NX2520SA-19 Datasheet
132Kb / 1P
   Specification of Quartz Crystal Units
Feb.17.2012
NX2520SA NDK-NX2520SA_16 Datasheet
802Kb / 1P
   For OA / AV Mobile Communications/ Short-range Wireless
More results

Similar Description - NX2520SA_15

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NX2520SA NDK-NX2520SA_16 Datasheet
802Kb / 1P
   For OA / AV Mobile Communications/ Short-range Wireless
NX3225SA NDK-NX3225SA_15 Datasheet
698Kb / 1P
   For OA / AV Mobile Communications/ Short-range Wireless
NX1210AB NDK-NX1210AB_18 Datasheet
768Kb / 1P
   For OA / AV / Short-range Wireless
NX1008AA NDK-NX1008AA Datasheet
778Kb / 1P
   For OA / AV / Short-range Wireless
NX2016SA NDK-NX2016SA_17 Datasheet
683Kb / 1P
   For OA / AV/ Short-range Wireless
NX1612SA_18 NDK-NX1612SA_18_03 Datasheet
691Kb / 1P
   For OA / AV / Short-range Wireless
NX2016SA NDK-NX2016SA Datasheet
667Kb / 1P
   For OA / AV/ Short-range Wireless
NX1612SA NDK-NX1612SA Datasheet
662Kb / 1P
   For OA / AV / Short-range Wireless
NX2012SA NDK-NX2012SA_17 Datasheet
669Kb / 1P
   For OA / AV / Mobile Communications
NX1610SA NDK-NX1610SA_18 Datasheet
750Kb / 1P
   For OA / AV / Mobile Communications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com