Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT7A-26DP-DS Datasheet(PDF) 9 Page - Hirose Electric

Part # GT7A-26DP-DS
Description  Interface Portions and In-line Portions of the Various Units and Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT7A-26DP-DS Datasheet(HTML) 9 Page - Hirose Electric

Back Button GT7A-26DP-DS Datasheet HTML 2Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 3Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 4Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 5Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 6Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 7Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 8Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 9Page - Hirose Electric GT7A-26DP-DS Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Note 1: Use mounting screws of M3 with nominal diameter 3L-6.
Note 2: Use mounting screws of M3 with nominal diameter 3L-12.
Note 3: Tightening torque for the screws is 34.3 to 39.2 N.cm.
BRecommended Board Mounting Pattern
BRecommended Panel Cut-out
Part Number
CL No.
Key polarizing code
Color
GT7W- 32DP- DSL
757- 0019 - 7
A
Black
GT7W- 32DP- DSR
757- 0020 - 6
B
Light gray
145
M Connectors
Board Type


Similar Part No. - GT7A-26DP-DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT7A-2022PCF HIROSE-GT7A-2022PCF Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT7A-2022PCF HIROSE-GT7A-2022PCF Datasheet
659Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT7A-2022PCF HIROSE-GT7A-2022PCF Datasheet
693Kb / 20P
   Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
GT7A-2022PCF HIROSE-GT7A-2022PCF Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
GT7A-2022PCF HIROSE-GT7A-2022PCF Datasheet
1Mb / 19P
   Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
More results

Similar Description - GT7A-26DP-DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT6-1214SCF HIROSE-GT6-1214SCF Datasheet
96Kb / 3P
   Interface Portions and In-line Portions of the Various Units and Devices
logo
Silicon Laboratories
1611165 SILABS-1611165 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
1611161 SILABS-1611161 Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
logo
Eaton All Rights Reserv...
HRJ EATON-HRJ Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
logo
Pentair plc. All rights...
3200NXT PENTAIR-3200NXT Datasheet
2Mb / 36P
   Set Time of Day on the Lead Unit (#1) and the rest of the units in the system will populare with the Time of Day within 10 seconds
logo
STMicroelectronics
AN4429 STMICROELECTRONICS-AN4429 Datasheet
171Kb / 14P
   The RPC56xx and SPC56xx families of devices have internal Flash
AN3002 STMICROELECTRONICS-AN3002 Datasheet
324Kb / 22P
   Description of the M24LRxx-R and M24LRxxE-R dual interface
logo
Omron Electronics LLC
G9SA OMRON-G9SA_15 Datasheet
1Mb / 17P
   The G9SA Series Offers a Complete Line-up of Compact Units
G9SA OMRON-G9SA Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com