Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF4-11P-2R26 Datasheet(PDF) 6 Page - Hirose Electric

Part # DF4-11P-2R26
Description  2mm Pitch Connector Directly Mounted on Board
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF4-11P-2R26 Datasheet(HTML) 6 Page - Hirose Electric

  DF4-11P-2R26 Datasheet HTML 1Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 2Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 3Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 4Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 5Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 6Page - Hirose Electric DF4-11P-2R26 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
B175
sStraight Type ID Plug
qApplicable Through-hole Diameter : Ø0.8
+0
+0.1
Note 1. The plug, which has the mark at the designated position, is for AWG26.
Note 2. The cleaning by heat and trichloroethylene can't be implemented.
Photo: Contact insertion state.
qApplicable Cable (Tin plating Annealed copper wire)
qAWG26
Part Number
Applicable Cable
Jacket Diameter
DF4-*P-2R26
UL1061 AWG26 (7/0.16)
Ø0.9 to 1mm
DF4-*P-2R28
UL1061 AWG28 (7/0.127)
Ø0.9 to 1mm
[Specific No.] – **, (**)
Blank: Tin plating, 1 pack: 100pcs.
Unit:mm
CL No.
Part Number
544-0050-4-**
544-0051-7-**
544-0052-0-**
544-0053-2-**
544-0054-5-**
544-0055-8-**
544-0056-0-**
544-0057-3-**
544-0058-6-**
544-0059-9-**
544-0060-8-**
544-0061-0-**
544-0062-3-**
544-0063-6-**
DF4-02P-2R26 (**)
DF4-03P-2R26 (**)
DF4-04P-2R26 (**)
DF4-05P-2R26 (**)
DF4-06P-2R26 (**)
DF4-07P-2R26 (**)
DF4-08P-2R26 (**)
DF4-09P-2R26 (**)
DF4-10P-2R26 (**)
DF4-11P-2R26 (**)
DF4-12P-2R26 (**)
DF4-13P-2R26 (**)
DF4-14P-2R26 (**)
DF4-15P-2R26 (**)
Number of Contacts
02
03
04
05
06
07
08
09
10
11
12
13
14
15
A
B
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
qAWG28
Unit:mm
CL No.
Part Number
544-0064-9-**
544-0065-1-**
544-0066-4-**
544-0067-7-**
544-0068-0-**
544-0069-2-**
544-0070-1-**
544-0071-4-**
544-0072-7-**
544-0073-0-**
544-0074-2-**
544-0075-5-**
544-0076-8-**
544-0077-0-**
DF4- 2P-2R28 (**)
DF4- 3P-2R28 (**)
DF4- 4P-2R28 (**)
DF4- 5P-2R28 (**)
DF4- 6P-2R28 (**)
DF4- 7P-2R28 (**)
DF4- 8P-2R28 (**)
DF4- 9P-2R28 (**)
DF4-10P-2R28 (**)
DF4-11P-2R28 (**)
DF4-12P-2R28 (**)
DF4-13P-2R28 (**)
DF4-14P-2R28 (**)
DF4-15P-2R28 (**)
Number of Contacts
02
03
04
05
06
07
08
09
10
11
12
13
14
15
A
B
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
02.0
04.0
06.0
08.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
Note : A packaging quantity is delivered in the bag unit (100 pcs.). If needed, please order the product per bag.


Similar Part No. - DF4-11P-2R26

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-11P-2C HIROSE-DF4-11P-2C Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-11P-2C HIROSE-DF4-11P-2C Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-11P-2C HIROSE-DF4-11P-2C Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
More results

Similar Description - DF4-11P-2R26

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF4-2P-2C HIROSE-DF4-2P-2C_1 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4 HIROSE-DF4 Datasheet
148Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF4-2428PC05 HIROSE-DF4-2428PC05 Datasheet
141Kb / 5P
   2mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2C-10DT-1.27R HIROSE-HIF2C-10DT-1.27R Datasheet
134Kb / 4P
   Staggered Connector Directly Mounted on Board
HIF12-040DT-1.27R HIROSE-HIF12-040DT-1.27R Datasheet
275Kb / 8P
   1.27mm Pitch Connector Directly Mounted on Board
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
HIF2E-10D-2.54RB HIROSE-HIF2E-10D-2.54RB Datasheet
127Kb / 4P
   2.54mm Connector Directly Mounted on Board
MDF12-1822PCF HIROSE-MDF12-1822PCF Datasheet
111Kb / 4P
   Crimping Contact Directly Mounted on Board
HIF2E HIROSE-HIF2E Datasheet
131Kb / 4P
   2.54mm Connectors Directly Mounted on Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com