Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT8Z-14DS-2C Datasheet(PDF) 3 Page - Hirose Electric

Part # GT8Z-14DS-2C
Description  Antenna, Sensor, and Communications Trunk Line Connections
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT8Z-14DS-2C Datasheet(HTML) 3 Page - Hirose Electric

  GT8Z-14DS-2C Datasheet HTML 1Page - Hirose Electric GT8Z-14DS-2C Datasheet HTML 2Page - Hirose Electric GT8Z-14DS-2C Datasheet HTML 3Page - Hirose Electric GT8Z-14DS-2C Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Material
Finish
PBT
Color: Light gray
Brass
Tin plating
Incorrect
insertion
prevention key
Number
of
potions
A
dimension
Part Number
CL No.
GT8 -14DP-2DSA
Under development
14
----
GT8 -20DP-2DSA
758- 0004- 6
20
23.8
GT8 -24DP-2DSA
758 - 0006- 1
24
27.8
GT8A-14DP-2DSA
758- 0010- 9
14
17.8
GT8A-20DP-2DSA
758- 0013- 7
20
23.8
GT8A-24DP-2DSA
758- 0014- 0
24
27.8
Part Number
CL No.
GT8C- 20DP-2DSA
758- 0015-2
BRecommended PCB Mounting Pattern
BRecommended PCB Mounting Pattern
3
M Connectors
Board Type
With incorrect insertion
prevention key (GT8A only)
Cleaning liquid escape hole
B-B cross-section
With incorrect insertion
prevention key (GT8A only)
Type With Feed-through Capacitor
Terminal position specification
Lot No. printing
* Capacitor value of 1,000 pF is standard.
* Should you have other requirements, please contact
a Hirose Electric account representative.


Similar Part No. - GT8Z-14DS-2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT8 ETC2-GT8 Datasheet
168Kb / 2P
   PNEUMATIC TURBINE VIBRATIORS
logo
Hirose Electric
GT8-2428SCF HIROSE-GT8-2428SCF Datasheet
1Mb / 47P
   All surface shielded construction.
logo
Jewel Hill Electronic
GT8002 JHE-GT8002 Datasheet
900Kb / 27P
   SPECIFICATIONS FOR LCD MODULE
GT8002HWDMNRNP-V00-LWCX JHE-GT8002HWDMNRNP-V00-LWCX Datasheet
900Kb / 27P
   SPECIFICATIONS FOR LCD MODULE
GT8002HWDMPRNP-V00-LWCX JHE-GT8002HWDMPRNP-V00-LWCX Datasheet
900Kb / 27P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GT8Z-14DS-2C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT17-2022SCF HIROSE-GT17-2022SCF Datasheet
1Mb / 10P
   Antenna, Sensor, and Communications Trunk Line Connections
GT3-16DP-2.5DSA HIROSE-GT3-16DP-2.5DSA Datasheet
207Kb / 6P
   Antenna, Sensor, and Communications Trunk Line Connections
logo
PHOENIX CONTACT
2316022 PHOENIX-2316022 Datasheet
148Kb / 4P
   Foundation Fieldbus and PROFIBUS PA segment protection with Trunk In and Trunk Out connections (preinstalled mechanical terminator) and additional terminal connections for 2 spurs connected to fieldbus end devices.
logo
Analog Devices
ADE8167 AD-ADE8167 Datasheet
61Kb / 2P
   Power Line Communications
Rev. PrA
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Taoglas antenna solutio...
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
logo
Maxim Integrated Produc...
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
logo
Texas Instruments
OPA521 TI1-OPA521 Datasheet
323Kb / 22P
[Old version datasheet]   Narrowband Power Line Communications Line Driver
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
   Flexible Near-Field Communications Reader Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com