Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GT7-26R Datasheet(PDF) 5 Page - Hirose Electric

Part # GT7-26R
Description  Interface Portions and In-line Portions of the Various Units and Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

GT7-26R Datasheet(HTML) 5 Page - Hirose Electric

  GT7-26R Datasheet HTML 1Page - Hirose Electric GT7-26R Datasheet HTML 2Page - Hirose Electric GT7-26R Datasheet HTML 3Page - Hirose Electric GT7-26R Datasheet HTML 4Page - Hirose Electric GT7-26R Datasheet HTML 5Page - Hirose Electric GT7-26R Datasheet HTML 6Page - Hirose Electric GT7-26R Datasheet HTML 7Page - Hirose Electric GT7-26R Datasheet HTML 8Page - Hirose Electric GT7-26R Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
B Termination Tools
User's manuals are available. Please ask your Hirose Electric account representative.
Item
Specification
Remarks
Specification
1.5ton
Stroke Length
30mm
Number of strokes
200spm(50 Hz)
240spm(60 Hz)
Weight
75 kg
Motor
0.2kw
AC100V
Crimping speed
2,000 to 4,000 pcs. per hour
Part number CM-105
Crimp height setting tables are available for each cable type. Please contact your nearest Hirose Electric account representative.
Different cables will require different crimp height settings.
Hand Tool
Mates with a 26-pos. + 16-pos.
+ 22-pos. F connector.
64 Pos.
Part Number
CL No.
A
GT7A- 64DP-DS
757- 0012- 8
3
GT7- 64DP-DS
757- 0005-2
Shaded portion without stand-off
BRecommended Board Mounting Pattern
(Tolerance of unmarked values is +
- 0.05.)
141
Board Type / Hybrid Type
GT7 has shaded portion without standoff.
Automatic Crimping Machine


Similar Part No. - GT7-26R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT7-2022PCF HIROSE-GT7-2022PCF Datasheet
501Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT7-2022PCF HIROSE-GT7-2022PCF Datasheet
659Kb / 10P
   Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
GT7-2022PCF HIROSE-GT7-2022PCF Datasheet
693Kb / 20P
   Highly efficient and reliable single motion crimp termination allows high volume production with semiautomatic equipment.
GT7-2022PCF HIROSE-GT7-2022PCF Datasheet
1Mb / 22P
   USCAR specified connector as SAE/USCAR-19
GT7-2022PCF HIROSE-GT7-2022PCF Datasheet
1Mb / 19P
   Highly efficient and reliable one step crimp termination allows high volume production with semiautomatic equipment.
More results

Similar Description - GT7-26R

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GT6-1214SCF HIROSE-GT6-1214SCF Datasheet
96Kb / 3P
   Interface Portions and In-line Portions of the Various Units and Devices
logo
Silicon Laboratories
1611165 SILABS-1611165 Datasheet
67Kb / 2P
   The addition of automotive devices in the product selection table and ordering information
1611161 SILABS-1611161 Datasheet
238Kb / 7P
   The addition of automotive devices in the product selection table and ordering information
logo
Eaton All Rights Reserv...
HRJ EATON-HRJ Datasheet
742Kb / 1P
   1/4" x various length and SFE in-line fuse holder
logo
Pentair plc. All rights...
3200NXT PENTAIR-3200NXT Datasheet
2Mb / 36P
   Set Time of Day on the Lead Unit (#1) and the rest of the units in the system will populare with the Time of Day within 10 seconds
logo
STMicroelectronics
AN4429 STMICROELECTRONICS-AN4429 Datasheet
171Kb / 14P
   The RPC56xx and SPC56xx families of devices have internal Flash
AN3002 STMICROELECTRONICS-AN3002 Datasheet
324Kb / 22P
   Description of the M24LRxx-R and M24LRxxE-R dual interface
logo
Omron Electronics LLC
G9SA OMRON-G9SA_15 Datasheet
1Mb / 17P
   The G9SA Series Offers a Complete Line-up of Compact Units
G9SA OMRON-G9SA Datasheet
1Mb / 16P
   The G9SA Series Offers a Complete Line-up of Compact Units.
logo
STMicroelectronics
STSAFE-A110 STMICROELECTRONICS-STSAFE-A110 Datasheet
619Kb / 36P
   Authentication, state-of-the-art security for peripherals and IoT devices
December 2019 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com