Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF16B-34DP-0.5V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF16B-34DP-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF16B-34DP-0.5V Datasheet(HTML) 2 Page - Hirose Electric

  DF16B-34DP-0.5V Datasheet HTML 1Page - Hirose Electric DF16B-34DP-0.5V Datasheet HTML 2Page - Hirose Electric DF16B-34DP-0.5V Datasheet HTML 3Page - Hirose Electric DF16B-34DP-0.5V Datasheet HTML 4Page - Hirose Electric DF16B-34DP-0.5V Datasheet HTML 5Page - Hirose Electric DF16B-34DP-0.5V Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A309
Note1: For the 14, 16 and 80 contacts connector, the stacking height 2.0mm product only is available.
For the 34 contacts connectors, the stacking height of 2.5mm product only is available.
sProduct Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Rating
Current rating : 0.3A
Operating Temperature Range : –35 to +85ç (Note 1) Storage Temperature Range : –10 to +60ç (Note 2)
Voltage rating : 50V AC Operating Humidity Range : 40 to 80%
Storage Humidity Range
: 40 to 70% (Note 2)
sMaterial
Item
Specification
Condition
1. Insulation Resistance
500M ohms min
100V DC
2. Withstanding voltage
No flashover or insulation breakdown.
150V AC/1 minute
3. Contact Resistance
50m ohms max
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50m ohms max.Insulation resistance:250M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 50m ohms max.:Insulation resistance: 500M ohms min. (-55ç: 30 minutes 5 to 35ç: 10 minutes
(-85ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles
7. Durability (Mating/un-mating) Contact resistance: 50m ohms
50cycle
8. Resistance to Soldering heat
No deformation of components affecting performance.
Reflow: At the recommended temperature profile
Manual soldering: 300ç for 3 seconds
Product
Part
Material
Treatment
UL Standard
Insulator
Polyamide resin
White Beige (Natural)
UL94V-0
Receptacle
Contact
Phosphor copper
Gold plated
–––––––
Metal fitting
Brass
Tin-lead plated
–––––––
Insulator
Polyamide resin
White Beige (Natural)
UL94V-0
Header
Contact
Phosphor copper
Gold plated
–––––––
Metal fitting
Brass
Tin-lead plated
–––––––
DF16
#
# (*
**
*) - *
* DS - 0.5 V (*
**
*)
qe
wr
ty
u
i
sOrdering Information
Please determine the specific product. If needed, please select and order products from the product No. as listed on catalog page
A310~A315.
qReceptacle/Header
q Series Name
: DF16
w Type
e Product height
Receptacle
: None
Header
: 2.0, 2.5
r Number of Contacts
14, 16, 20, 30, 34, 40, 50, 60, 80
(Note1)
t Connector Type
DS : Double-row receptacle
DP : Double-row header
y Contact Pitch
: 0.5mm
u Contact Type
V
: Straight SMT
i Pakaging Type
(81) : Gold plating, embossed tape packaging
(80) : Gold plating, tube packaging
Fitting
Boss
Blank
KK
A
K
B
K
C
∞∞


Similar Part No. - DF16B-34DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
   HDTV DELAY LINES
DF16B0020 FARADAY-DF16B0020 Datasheet
17Kb / 2P
   HDTV DELAY LINES
More results

Similar Description - DF16B-34DP-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com