Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMS05 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CMS05
Description  TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CMS05 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CMS05_13 Datasheet HTML 1Page - Toshiba Semiconductor CMS05_13 Datasheet HTML 2Page - Toshiba Semiconductor CMS05_13 Datasheet HTML 3Page - Toshiba Semiconductor CMS05_13 Datasheet HTML 4Page - Toshiba Semiconductor CMS05_13 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CMS05
2013-11-01
1
TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS05
Switching Mode Power Supply Applications
Portable Equipment Battery Applications
• Forward voltage: VFM = 0.45 V (max)
• Average forward current: IF (AV) = 5.0 A
• Repetitive peak reverse voltage: VRRM = 30 V
• Suitable for compact assembly due to small surface-mount package
“M−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average forward current
IF (AV)
5.0 (Note 1)
A
Peak one cycle surge forward current
(non-repetitive)
IFSM
70 (50 Hz)
A
Junction temperature
Tj
−40~150
°C
Storage temperature
Tstg
−40~150
°C
Note 1: Tℓ
= 100°C: Rectangular waveform (α = 180°), VR = 15 V
Note 2: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VFM (1)
IFM = 1.0 A
0.35
VFM (2)
IFM = 3.0 A
0.40
Peak forward voltage
VFM (3)
IFM = 5.0 A
0.43
0.45
V
IRRM
VRRM = 5.0 V
6.0
Repetitive peak reverse current
IRRM
VRRM = 30 V
65
800
μA
Junction capacitance
Cj
VR = 10 V, f = 1.0 MHz
330
pF
Device mounted on a ceramic board
(soldering land: 2 mm
× 2 mm)
60
Rth (j-a)
Device mounted on a glass-epoxy
board
(soldering land: 6 mm
× 6 mm)
135
Thermal resistance
Rth (j-ℓ)
16
°C/W
Unit: mm
JEDEC
JEITA
TOSHIBA
3-4E1A
Weight: 0.023 g (typ.)
Start of commercial production
2000-07


Similar Part No. - CMS05_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS05 TOSHIBA-CMS05_06 Datasheet
157Kb / 5P
   Switching Mode Power Supply Applications
More results

Similar Description - CMS05_13

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CRS01 TOSHIBA-CRS01_13 Datasheet
188Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS10I30A TOSHIBA-CRS10I30A Datasheet
197Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS15I30A TOSHIBA-CRS15I30A Datasheet
178Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
U1FWJ44M TOSHIBA-U1FWJ44M Datasheet
152Kb / 4P
   TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
CMS08 TOSHIBA-CMS08 Datasheet
122Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS03 TOSHIBA-CMS03 Datasheet
129Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CRS20I30A TOSHIBA-CRS20I30A Datasheet
175Kb / 6P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS11 TOSHIBA-CMS11 Datasheet
136Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
CMS04 TOSHIBA-CMS04_13 Datasheet
176Kb / 5P
   TOSHIBA Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com