Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX6-60P-0.8SV1 Datasheet(PDF) 1 Page - Hirose Electric

Part # FX6-60P-0.8SV1
Description  0.8mm Pitch Stacking Height 5 to 9mm Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX6-60P-0.8SV1 Datasheet(HTML) 1 Page - Hirose Electric

  FX6-60P-0.8SV1 Datasheet HTML 1Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 2Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 3Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 4Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 5Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 6Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 7Page - Hirose Electric FX6-60P-0.8SV1 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
A213
0.8mm Pitch Stacking Height 5 to 9mm Connector
FX6 Series
sFeatures
1. Stacking Height 5 to 9mm
The board to board stacking height can be set at every
millimeter between 5 and 9mm.
2. Effective Contact Length 1.7mm
Despite the low profile type connector, the connector has the
1.7mm long effective contact length and provides a margin
sufficient to contact.
3. Mating Guide
The self-alignment for mating action exhibits a high guide
level at ± 1mm, and makes the mating process easier by
providing the guide rib.
4. Automatic Mounting
The standard packaging specification specifies the stick
package, considering the automatic mount, while the emboss
package can also correspond to the connector with less than
80 contacts. (However, the product is limited to 80 contacts.)
5. SMT Coplanarity
The lead coplanarity on the SMT soldered area is maintained
with the high accuracy of less than 0.1mm.
sProduct Specifications
Rating
Current rating 0.5A
Operating Temperature Range -55ç to +85ç Note 1.
Storage Temperature Range -10ç to +60ç Note 2.
Voltage rating 100V AC
Operating Humidity Range 40% to 80%
Storage Humidity Range 40% to 70%
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
sApplications
Note PC, business equipments such as handy terminals, and other equipment which require miniaturization or light-weight.
Item
Specification
Condition
1. Insulation Resistance
100M ohms min
250V DC
2. Withstanding voltage
No flashover or insulation breakdown.
300V AC/1 minute
3. Contact Resistance
40m ohms max.
100mA
4. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 50m ohms max.
Insulation resistance: 100m ohms min.
96 hours at temperature of 40ç and humidity of 90% to 95%
6. Temperature Cycle
Contact resistance: 50m ohms max:
Insulation resistance: 100m ohms min.
7. Durability (Mating/un-mating) Contact resistance: 50m ohms max.
100 cycles
8. Resistance to Soldering
No deformation of components affecting performance. Reflow: At the recommended temperature profile
heat
Manual soldering: 300ç for 3 seconds
5~9mm
Stacking Height: 5 to 9mm
Mounting area 50% OFF, compared with the half pitch connector
Half pitch connector
(FX2 series)
FX6 series
(If compared with 60 contacts)
(-55ç: 30 minutes 15 to 35ç: 2 to 3 minutes
(-85ç: 30 minutes 15 to 35ç: 2 to 3minutes)5 cycles


Similar Part No. - FX6-60P-0.8SV1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX601 SANYO-FX601 Datasheet
128Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
CML Microcircuits
FX601A CMLMICRO-FX601A Datasheet
521Kb / 4P
   TONE OPERATED MONOSTABLE TIMER
logo
Sanyo Semicon Device
FX602 SANYO-FX602 Datasheet
96Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
CML Microcircuits
FX602 CMLMICRO-FX602 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
FX602D4 CMLMICRO-FX602D4 Datasheet
822Kb / 29P
   CALLING LINE IDENTIFIER
More results

Similar Description - FX6-60P-0.8SV1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX4C-20P-1.27DSA HIROSE-FX4C-20P-1.27DSA Datasheet
477Kb / 7P
   Stacking Height 5 to 11mm Half Pitch Connector
FX8-60P-SV HIROSE-FX8-60P-SV Datasheet
409Kb / 6P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8-120S-SV21 HIROSE-FX8-120S-SV21 Datasheet
225Kb / 8P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
FX8C-60P-SV HIROSE-FX8C-60P-SV Datasheet
422Kb / 11P
   0.6mm Pitch Stacking Height 3mm to 16mm Connector
logo
Japan Aviation Electron...
KX24 JAE-KX24 Datasheet
231Kb / 6P
   0.8mm Pitch Board to Board Connector
logo
DDK Ltd.
DFR-PAV030-1A1 DDK-DFR-PAV030-1A1 Datasheet
251Kb / 3P
   0.8mm Pitch Board to Board Floating Connector
logo
Japan Aviation Electron...
BA1 JAE-BA1 Datasheet
490Kb / 4P
   0.8mm Pitch Board-to-Board Factory Automation Connector
logo
SUYIN USA, INC.
800216FR SUYIN-USA-800216FR Datasheet
163Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
800217MC SUYIN-USA-800217MC Datasheet
115Kb / 1P
   0.8mm PITCH SCSI CONNECTOR
logo
Japan Aviation Electron...
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com