Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1V-288S-DS Datasheet(PDF) 5 Page - Hirose Electric

Part # FX1V-288S-DS
Description  1.27mm Pitch Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX1V-288S-DS Datasheet(HTML) 5 Page - Hirose Electric

  FX1V-288S-DS Datasheet HTML 1Page - Hirose Electric FX1V-288S-DS Datasheet HTML 2Page - Hirose Electric FX1V-288S-DS Datasheet HTML 3Page - Hirose Electric FX1V-288S-DS Datasheet HTML 4Page - Hirose Electric FX1V-288S-DS Datasheet HTML 5Page - Hirose Electric FX1V-288S-DS Datasheet HTML 6Page - Hirose Electric FX1V-288S-DS Datasheet HTML 7Page - Hirose Electric FX1V-288S-DS Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A138
sHeader : Straight Type
BPCB mounting pattern Applicable board thickness t=1.6mm
D
Part Number
CL No.
B
A
Number of Contacts
144
192
216
73.29
93.61
103.77
59.69
80.01
90.17
____
69.85
____
90.17
____
100.33
FX1-144P-1.27DSA
FX1-144P-1.27DSAL
FX1-192P-1.27DSA
FX1-192P-1.27DSAL
FX1-216P-1.27DSA
FX1-216P-1.27DSAL
571-0303-0
571-0353-9
571-0304-3
571-0354-1
571-0305-6
571-0355-4
Unit: mm


Similar Part No. - FX1V-288S-DS

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX101 VECTRON-FX101 Datasheet
601Kb / 12P
   Frequency Translator
logo
CML Microcircuits
FX101L CMLMICRO-FX101L Datasheet
816Kb / 6P
   multi-purpose frequency sensitive switch
FX102K CMLMICRO-FX102K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
FX103K CMLMICRO-FX103K Datasheet
144Kb / 3P
   SMALL PHYSICAL SIZE
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
   Tone Detector
More results

Similar Description - FX1V-288S-DS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
127226MS SUYIN-USA-127226MS Datasheet
219Kb / 1P
   1.27mm PITCH PCI CONNECTOR
logo
DDK Ltd.
DHL-PA40-S13NA-FG DDK-DHL-PA40-S13NA-FG Datasheet
247Kb / 3P
   1.27mm Pitch Stacking Connector
logo
AVX Corporation
24-8005-502-100-867 AVX-24-8005-502-100-867 Datasheet
181Kb / 2P
   1.27mm-pitch Micro Connector
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-7001242R HARWIN-M55-7001242R Datasheet
214Kb / 3P
   1.27mm PITCH VERTICAL MALE CONNECTOR
logo
Hirose Electric
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
logo
Harwin Plc
M55-6101242R HARWIN-M55-6101242R Datasheet
164Kb / 2P
   1.27mm PITCH HORIZONTIAL FEMALE CONNECTOR
M55-7101242R HARWIN-M55-7101242R Datasheet
156Kb / 2P
   1.27mm PITCH HORIZONTAL MALE CONNECTOR
M55-6001242R HARWIN-M55-6001242R Datasheet
239Kb / 3P
   1.27mm PITCH VERTICAL FEMALE CONNECTOR
logo
Japan Aviation Electron...
DF02 JAE-DF02 Datasheet
561Kb / 11P
   Half-pitch (1.27mm) Interface Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com